Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT652 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACT652
Description  Transceiver/Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT652 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACT652 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT652 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT652 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT652 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT652 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT652 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT652 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT652 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 Fairchild Semiconductor Corporation
DS500310
www.fairchildsemi.com
August 1999
Revised September 2000
74ACT652
Transceiver/Register
General Description
The ACT652 consists of bus transceiver circuits with D-
type flip-flops, and control circuitry arranged for multiplexed
transmission of data directly from the input bus or from
internal registers. Data on the A or B bus will be clocked
into the registers as the appropriate clock pin goes to the
HIGH logic level. Output Enable pins (OEAB, OEBA) are
provided to control the transceiver function.
Features
s Independent registers for A and B buses
s Multiplexed real-time and stored data
s Outputs source/sink 24 mA
s TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACT652SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74ACT652MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT652SPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
A0–A7, B0–B7
A and B Inputs/3-STATE Outputs
CPAB, CPBA
Clock Inputs
SAB, SBA
Select Inputs
OEAB, OEBA
Output Enable Inputs


Similar Part No. - 74ACT652

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
74ACT652MTC FAIRCHILD-74ACT652MTC Datasheet
89Kb / 8P
   Transceiver/Register
74ACT652SC FAIRCHILD-74ACT652SC Datasheet
89Kb / 8P
   Transceiver/Register
74ACT652SPC FAIRCHILD-74ACT652SPC Datasheet
89Kb / 8P
   Transceiver/Register
More results

Similar Description - 74ACT652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS651 PHILIPS-74ALS651 Datasheet
156Kb / 13P
   Transceiver/register
1991 Feb 08
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
logo
NXP Semiconductors
74ALS646 PHILIPS-74ALS646 Datasheet
155Kb / 13P
   Transceiver/register
1991 Feb 08
logo
Fairchild Semiconductor
74ACTQ652 FAIRCHILD-74ACTQ652 Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
logo
Integrated Device Techn...
IDT74FCT646 IDT-IDT74FCT646 Datasheet
91Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/REGISTER
logo
Fairchild Semiconductor
DM74AS652WMX FAIRCHILD-DM74AS652WMX Datasheet
74Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
70Kb / 8P
   Octal Bus Transceiver and Register
DM74AS646 FAIRCHILD-DM74AS646 Datasheet
84Kb / 8P
   Octal Bus Transceiver and Register
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com