Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7125BCPZ170-RL Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7125BCPZ170-RL
Description  CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7125BCPZ170-RL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7125BCPZ170-RL Datasheet HTML 6Page - Analog Devices ADV7125BCPZ170-RL Datasheet HTML 7Page - Analog Devices ADV7125BCPZ170-RL Datasheet HTML 8Page - Analog Devices ADV7125BCPZ170-RL Datasheet HTML 9Page - Analog Devices ADV7125BCPZ170-RL Datasheet HTML 10Page - Analog Devices ADV7125BCPZ170-RL Datasheet HTML 11Page - Analog Devices ADV7125BCPZ170-RL Datasheet HTML 12Page - Analog Devices ADV7125BCPZ170-RL Datasheet HTML 13Page - Analog Devices ADV7125BCPZ170-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADV7125
Rev. C | Page 10 of 16
TERMINOLOGY
Blanking Level
The level separating the SYNC portion from the video portion
of the waveform. Usually referred to as the front porch or back
porch. At 0 IRE units, it is the level that shuts off the picture
tube, resulting in the blackest possible picture.
Color Video (RGB)
This refers to the technique of combining the three primary
colors of red, green, and blue to produce color pictures within
the usual spectrum. In RGB monitors, three DACs are required,
one for each color.
Sync Signal (SYNC)
The position of the composite video signal that synchronizes
the scanning process.
Gray Scale
The discrete levels of video signal between reference black and
reference white levels. An 8-bit DAC contains 256 different levels.
Raster Scan
The most basic method of sweeping a CRT one line at a time to
generate and display images.
Reference Black Level
The maximum negative polarity amplitude of the video signal.
Reference White Level
The maximum positive polarity amplitude of the video signal.
Sync Level
The peak level of the SYNC signal.
Video Signal
The portion of the composite video signal that varies in gray
scale levels between reference white and reference black. Also
referred to as the picture signal, this is the portion that can be
visually observed.


Similar Part No. - ADV7125BCPZ170-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7125BCPZ170-RL AD-ADV7125BCPZ170-RL Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
More results

Similar Description - ADV7125BCPZ170-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com