Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7125JSTZ240 Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7125JSTZ240
Description  CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7125JSTZ240 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7125JSTZ240 Datasheet HTML 5Page - Analog Devices ADV7125JSTZ240 Datasheet HTML 6Page - Analog Devices ADV7125JSTZ240 Datasheet HTML 7Page - Analog Devices ADV7125JSTZ240 Datasheet HTML 8Page - Analog Devices ADV7125JSTZ240 Datasheet HTML 9Page - Analog Devices ADV7125JSTZ240 Datasheet HTML 10Page - Analog Devices ADV7125JSTZ240 Datasheet HTML 11Page - Analog Devices ADV7125JSTZ240 Datasheet HTML 12Page - Analog Devices ADV7125JSTZ240 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADV7125
Rev. C | Page 9 of 16
Pin Number
Mnemonic
Description
37
RSET
A resistor (RSET) connected between this pin and GND controls the magnitude of the full-scale video
signal. Note that the IRE relationships are maintained, regardless of the full-scale output current. The
relationship between RSET and the full-scale output current on IOG (assuming ISYNC is connected to IOG)
is given by:
RSET (Ω) = 11,445 × VREF (V)/IOG (mA)
The relationship between RSET and the full-scale output current on IOR, IOG, and IOB is given by:
IOG (mA) = 11,444.8 × VREF (V)/RSET (Ω) (SYNC being asserted)
IOR, IOB (mA) = 7989.6 × VREF (V)/RSET (Ω)
The equation for IOG is the same as that for IOR and IOB when SYNC is not being used, that is, SYNC
tied permanently low.
38
PSAVE
Power Save Control Pin. Reduced power consumption is available on the ADV7125 when this pin is
active.
49 (EPAD)
EP (EPAD)
The LFCSP_VQ has an exposed paddle that must be connected to GND.


Similar Part No. - ADV7125JSTZ240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7125JSTZ240 AD-ADV7125JSTZ240 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
More results

Similar Description - ADV7125JSTZ240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com