Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT258PC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74ACT258PC
Description  Quad 2-Input Multiplexer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT258PC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74ACT258PC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT258PC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT258PC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT258PC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT258PC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT258PC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT258PC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT258PC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Functional Description
The ACT258 is a quad 2-input multiplexer with 3-STATE
outputs. It selects four bits of data from two sources under
control of a common Select input (S). When the Select
input is LOW, the I0x inputs are selected and when Select
is HIGH, the I1x inputs are selected. The data on the
selected inputs appears at the outputs in inverted form.
The ACT258 is the logic implementation of a 4-pole, 2-
position switch where the position of the switch is deter-
mined by the logic levels supplied to the Select input. The
logic equations for the outputs are shown below:
Za = OE • (I1a • S + I0a • S)
Zb = OE • (I1b • S + I0b • S)
Zc = OE • (I1c • S + I0c • S)
Zd = OE • (I1d • S + I0d • S)
When the Output Enable input (OE) is HIGH, the outputs
are forced to a high impedance state. If the outputs of the
3-STATE devices are tied together, all but one device must
be in the high impedance state to avoid high currents that
would exceed the maximum ratings. Designers should
ensure that Output Enable signals to 3-STATE devices
whose outputs are tied together are designed so there is
no overlap.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Output
Select
Data
Outputs
Enable
Input
Inputs
OE
SI0
I1
Z
HX
X
X
Z
LH
X
L
H
LH
X
H
L


Similar Part No. - 74ACT258PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74ACT258MTC FAIRCHILD-74ACT258MTC Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74ACT258SC FAIRCHILD-74ACT258SC Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74ACT258SJ FAIRCHILD-74ACT258SJ Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results

Similar Description - 74ACT258PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI-CY74FCT257T Datasheet
330Kb / 12P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F257A MOTOROLA-MC74F257A Datasheet
78Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F257ASCX FAIRCHILD-74F257ASCX Datasheet
80Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI1-CY74FCT257T_15 Datasheet
378Kb / 15P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC257 ONSEMI-MC74AC257_15 Datasheet
101Kb / 9P
   Quad 2-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 8
logo
Fairchild Semiconductor
74AC257 FAIRCHILD-74AC257 Datasheet
97Kb / 9P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74F257A FAIRCHILD-74F257A Datasheet
79Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com