Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS65WV5128DALL Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS65WV5128DALL
Description  512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS65WV5128DALL Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS65WV5128DALL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS65WV5128DALL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS65WV5128DALL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS65WV5128DALL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS65WV5128DALL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS65WV5128DALL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS65WV5128DALL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS65WV5128DALL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS65WV5128DALL Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774              
Rev.  A
02/09/2012
IS62WV5128DALL/DBLL, IS65WV5128DALL/DBLL 
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
VDD = 2.3V-3.6V
  Symbol  Parameter 
Test Conditions 
Min. 
Max. 
Unit
  VOh
OutputHIGHVoltage
Vdd = Min.,IOh = –1.0mA
1.8
V
VOL
OutputLOWVoltage
Vdd = Min.,IOL = 2.1mA
0.4
V
VIh
InputHIGHVoltage
2.0
Vdd + 0.3
V
VIL
InputLOWVoltage(1)
–0.3
0.8
V
ILI
InputLeakage
GND≤ VIn ≤ Vdd
–1
1
µA
ILO
OutputLeakage
GND≤ VOut ≤ Vdd, OutputsDisabled
–1
1
µA
Note:
1. VIL (min.)= –0.3VDC;VIL(min.)=–2.0VAC(pulsewidth<10ns).Not100%tested.
VIh (max.)= Vdd +0.3V dC;VIh (max.)= Vdd +2.0V AC(pulsewidth<10ns).Not100%tested.
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
VDD = 3.3V + 5%
  Symbol  Parameter 
Test Conditions 
Min. 
Max. 
Unit
  VOh
OutputHIGHVoltage
Vdd = Min.,IOh = –1mA
2.4
V
VOL
OutputLOWVoltage
Vdd = Min.,IOL = 2.1mA
0.4
V
VIh
InputHIGHVoltage
2
Vdd + 0.3
V
VIL
InputLOWVoltage(1)
–0.3
0.8
V
ILI
InputLeakage
GND≤VIn ≤ Vdd
–1
1
µA
ILO
OutputLeakage
GND≤VOut ≤ Vdd, OutputsDisabled
–1
1
µA
Note:
1.VIL (min.)= –0.3VDC;VIL(min.)=–2.0VAC(pulsewidth<10ns).Not100%tested.
VIh (max.)= Vdd +0.3V dC;VIh (max.)= Vdd +2.0V AC(pulsewidth<10ns).Not100%tested.
DC ELECTRICAL CHARACTERISTICS(OverOperatingRange)
VDD = 1.65V-2.2V
  Symbol  Parameter 
Test Conditions 
VDD
Min. 
Max. 
Unit
  VOh
OutputHIGHVoltage
IOh = -0.1mA
1.65-2.2V
1.4
V
VOL
OutputLOWVoltage
IOL = 0.1mA
1.65-2.2V
0.2
V
VIh
InputHIGHVoltage
1.65-2.2V
1.4
Vdd + 0.2
V
VIL(1)
InputLOWVoltage
1.65-2.2V
–0.2
0.4
V
ILI
InputLeakage
GND≤ VIn ≤ Vdd
–1
1
µA
ILO
OutputLeakage
GND≤ VOut ≤ Vdd, OutputsDisabled
–1
1
µA
Note:
1. VIL (min.)= –0.3VDC;VIL(min.)=–2.0VAC(pulsewidth<10ns).Not100%tested.
VIh (max.)= Vdd +0.3V dC;VIh (max.)= Vdd +2.0V AC(pulsewidth<10ns).Not100%tested.


Similar Part No. - IS65WV5128DALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS65WV51216EALL ISSI-IS65WV51216EALL Datasheet
1Mb / 18P
   TTL compatible interface levels
IS65WV51216EBLL ISSI-IS65WV51216EBLL Datasheet
1Mb / 18P
   TTL compatible interface levels
More results

Similar Description - IS65WV5128DALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
62WV5128ALL ISSI-62WV5128ALL Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128BLL-55HLI ISSI-IS62WV5128BLL-55HLI Datasheet
286Kb / 17P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62C51216AL ISSI-IS62C51216AL Datasheet
469Kb / 15P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V4M08A TMT-T15V4M08A Datasheet
74Kb / 11P
   512K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1048L PYRAMID-P4C1048L Datasheet
156Kb / 12P
   LOW POWER 512K x 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV10248BLL ISSI-IS62WV10248BLL Datasheet
79Kb / 12P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com