Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH1807-P-B Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AH1807-P-B
Description  The AH1807 is a medium sensitivity micropower Omnipolar Hall Effect switch IC designed for battery powered consumer to home appliance and industrial equipment such as smart meter magnetic tamper detect.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1807-P-B Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AH1807-P-B Datasheet HTML 3Page - Diodes Incorporated AH1807-P-B Datasheet HTML 4Page - Diodes Incorporated AH1807-P-B Datasheet HTML 5Page - Diodes Incorporated AH1807-P-B Datasheet HTML 6Page - Diodes Incorporated AH1807-P-B Datasheet HTML 7Page - Diodes Incorporated AH1807-P-B Datasheet HTML 8Page - Diodes Incorporated AH1807-P-B Datasheet HTML 9Page - Diodes Incorporated AH1807-P-B Datasheet HTML 10Page - Diodes Incorporated AH1807-P-B Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AH1807
Document number: DS35524 Rev. 1 - 2
9 of 11
www.diodes.com
November 2012
© Diodes Incorporated
AH1807
Package Outline Dimensions (cont.) (All dimensions in mm.)
(2) Package Type: SIP-3L for Bulk pack
Sensor Location
12
3
0.51mm
Typ
PART
MARKING
1.90/2.10
1.05/1.25
Min/Max
SIP-3 for Bulk Pack
Dim
Min
Max
A
3.9
4.3
a1
5
° Typ
a2
5
° Typ
a3
45
° Typ
a4
3
° Typ
B
2.8
3.2
C
1.40
1.60
D
0.33
0.432
E
0.40
0.508
F
0
0.2
G
1.24
1.30
H
2.51
2.57
J
0.35
0.43
L
14.0
15.0
N
0.63
0.84
P
1.55
-
All Dimensions in mm
L
J
N
D
C
G H
BP
A
EF
a4
a1
a2


Similar Part No. - AH1807-P-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1807 DIODES-AH1807 Datasheet
685Kb / 13P
   MEDIUM SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
AH1807 DIODES-AH1807_15 Datasheet
685Kb / 13P
   MEDIUM SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
More results

Similar Description - AH1807-P-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1809 DIODES-AH1809 Datasheet
777Kb / 12P
   The AH1809 is a low sensitivity micro power Omnipolar Hall Effect switch IC designed for battery powered consumer to home appliance and industrial equipment such smart e-meters.
AH9251 DIODES-AH9251 Datasheet
447Kb / 10P
   MEDIUM SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH1806 DIODES-AH1806_18 Datasheet
564Kb / 12P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1812 DIODES-AH1812_15 Datasheet
482Kb / 8P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
BCD Semiconductor Manuf...
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Nanjing Ouzhuo Technolo...
OH9249 OHHALLSENSOR-OH9249 Datasheet
194Kb / 4P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com