Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT16245SSC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74ACT16245SSC
Description  16-Bit Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT16245SSC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74ACT16245SSC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT16245SSC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT16245SSC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT16245SSC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT16245SSC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT16245SSC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Functional Description
The ACT16245 contains sixteen non-inverting bidirectional
buffers with 3-STATE outputs. The device is byte controlled
with each byte functioning identically, but independent of
the other. The control pins can be shorted together to
obtain full 16-bit operation. The following description
applies to each byte. When the T/R input is HIGH, then Bus
A data is transmitted to Bus B. When the T/R input is LOW,
Bus B data is transmitted to Bus A. The 3-STATE outputs
are controlled by an Output Enable (OEn) input for each
byte. When OEn is LOW, the outputs are in 2-state mode.
When OEn is HIGH, the outputs are in the high impedance
mode, but this does not interfere with entering new data
into the inputs.
Truth Tables
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
Z
High Impedance
Logic Diagram
Inputs
Outputs
OE1
T/R1
L
L
Bus B0–B7 Data to Bus A0–A7
L
H
Bus A0–A7 Data to Bus B0–B7
H
X
HIGH-Z State on A0–A7, B0–B7
Inputs
Outputs
OE2
T/R2
LL
Bus B8–B15 Data to Bus A8–A15
LH
Bus A8–A15 Data to Bus B8–B15
H
X
HIGH-Z State on A8–A15, B8–B15


Similar Part No. - 74ACT16245SSC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16245 TI-74ACT16245 Datasheet
100Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
STMicroelectronics
74ACT16245 STMICROELECTRONICS-74ACT16245 Datasheet
250Kb / 9P
   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
logo
Texas Instruments
74ACT16245DGG TI-74ACT16245DGG Datasheet
100Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16245DGGR TI-74ACT16245DGGR Datasheet
527Kb / 13P
[Old version datasheet]   SN54ACT16245, 74ACT16245 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16245DGGRE4 TI-74ACT16245DGGRE4 Datasheet
527Kb / 13P
[Old version datasheet]   SN54ACT16245, 74ACT16245 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT16245SSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245_05 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245 Datasheet
86Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com