Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1445092-5 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 2-1445092-5
Description  Micro MATE-N-LOK Connector System
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1445092-5 Datasheet(HTML) 4 Page - Tyco Electronics

  2-1445092-5 Datasheet HTML 1Page - Tyco Electronics 2-1445092-5 Datasheet HTML 2Page - Tyco Electronics 2-1445092-5 Datasheet HTML 3Page - Tyco Electronics 2-1445092-5 Datasheet HTML 4Page - Tyco Electronics 2-1445092-5 Datasheet HTML 5Page - Tyco Electronics 2-1445092-5 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
te.com/products/micromatenlok
Micro MATE-N-LOK Connector System
TE Connectivity
dOUbLE ROW HEAdERS
Part No.
(PN)
Position
Double
Row
Plating Style
Vertical
Right
Angle
SMT
Thru-
hole
SMT
Hold
Down
Metal
Hold
Down
Plastic
Hold
Down
Packing Type
Mating Half
Tin
15µ Gold 30µ Gold
Tray
Tape &
Reel
x-794618-x
2-24*
x
x
x
x
x
x
x-794617-x
x-794619-x
2-24*
x
x
x
x
x
x
x-794617-x
x-794620-x
2-24*
x
x
x
x
x
x
x-794617-x
x-794621-x
2-24*
x
x
x
x
x
x
x-794617-x
x-794622-x
2-24*
x
x
x
x
x
x
x-794617-x
x-794623-x
2-24*
x
x
x
x
x
x
x-794617-x
x-794624-x
2-24*
x
x
x
x
x
x
x
x-794617-x
x-794625-x
2-24*
x
x
x
x
x
x
x
x-794617-x
x-794626-x
2-24*
x
x
x
x
x
x
x
x-794617-x
x-794627-x
2-24*
x
x
x
x
x
x
x-794617-x
x-794628-x
2-24*
x
x
x
x
x
x
x
x-794617-x
x-794629-x
2-24*
x
x
x
x
x
x
x
x-794617-x
x-794630-x
2-24*
x
x
x
x**
x
x-794617-x
x-794631-x
2-24*
x
x
x
x**
x
x-794617-x
x-794632-x
2-24*
x
x
x
x**
x
x-794617-x
x-794633-x
2-24*
x
x
x
x
x
x
x-794617-x
x-794634-x
2-24*
x
x
x
x
x
x
x-794617-x
x-794635-x
2-24*
x
x
x
x
x
x
x-794617-x
x-794636-x
2-24*
x
x
x
x
x
x
x-794617-x
x-794637-x
2-24*
x
x
x
x
x
x
x-794617-x
x-794638-x
2-24*
x
x
x
x
x
x
x-794617-x
x-794677-x
2-24*
x
x
x
x
x
x
x-794617-x
x-794678-x
2-24*
x
x
x
x
x
x
x-794617-x
x-784679-x
2-24*
x
x
x
x
x
x
x-794617-x
x-794680-x
2-24*
x
x
x
x**
x
x
x-794617-x
x-794681-x
2-24*
x
x
x
x**
x
x
x-794617-x
x-794682-x
2-24*
x
x
x
x**
x
x
x-794617-x
PART NUMbER EXPLANATION
3-PN-2
2 Position Header
3-PN-4
4 Position Header
3-PN-6
6 Position Header
3-PN-8
8 Position Header
4-PN-0
10 Position Header
4-PN-2
12 Position Header
4-PN-4
14 Position Header
4-PN-6
16 Position Header
4-PN-8
18 Position Header
5-PN-0
20 Position Header
5-PN-2
22 Position Header
5-PN-4
24 Position Header
Note: To select the complete part number:
• Use 3- prefix for dual row headers up to 8 positions.
• Use 4- prefix for dual row headers from 10 to 18 positions.
• Use 5- prefix for dual row headers from 20 to 24 positions.
• The -X suffix indicates number of positions.
(Example: 3-794630-4 would be a 4 position header.
4-794630-4 would be a 14 position header. 5-794630-4
would be a 24 position header.)
*Available in even positions only.
**With retention feature on solder tail.


Similar Part No. - 2-1445092-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1445092-2 MACOM-2-1445092-2 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-3 MACOM-2-1445092-3 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-4 MACOM-2-1445092-4 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-6 MACOM-2-1445092-6 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-7 MACOM-2-1445092-7 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
More results

Similar Description - 2-1445092-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1445092-4 MACOM-2-1445092-4 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-8 MACOM-2-1445092-8 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-3 MACOM-2-1445092-3 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-9 MACOM-2-1445092-9 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-7 MACOM-2-1445092-7 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-2 MACOM-2-1445092-2 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
2-1445092-6 MACOM-2-1445092-6 Datasheet
495Kb / 6P
   Micro MATE-N-LOK Connector System
1-770872-1 MACOM-1-770872-1 Datasheet
546Kb / 6P
   Mini-Universal MATE-N-LOK Connector System
1-794606-1 MACOM-1-794606-1 Datasheet
130Kb / 1P
   CONTACT, RECEPTACLE, CRIMP, SNAP0IN, MICRO MATE-N-LOK
logo
List of Unclassifed Man...
C-350537 ETC2-C-350537 Datasheet
83Kb / 1P
   Universal Mate-N-LOK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com