Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACTQ574SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACTQ574SJ
Description  Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ574SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ574SJ Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ574SJ Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ574SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ574SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ574SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ574SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ574SJ Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ574SJ Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ574SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010634
www.fairchildsemi.com
January 1990
Revised November 1999
74ACQ574 • 74ACTQ574
Quiet Series
 Octal D-Type Flip-Flop
with 3-STATE Outputs
General Description
The ACQ/ACTQ574 is a high-speed, low-power octal D-
type flip-flop with a buffered Common Clock (CP) and a
buffered common Output Enable (OE). The information
presented to the D inputs is stored in the flip-flops on the
LOW-to-HIGH clock (CP) transition.
ACQ/ACTQ574 utilizes FACT Quiet Series
 technology to
guarantee quiet output switching and improve dynamic
threshold performance. FACT Quiet Series features GTO
output control and undershoot corrector in addition to a
split ground bus for superior performance.
The
ACQ/ACTQ574
is
functionally
identical
to
the
ACTQ374 but with different pin-out.
Features
s ICC and IOZ reduced by 50%
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin skew AC performance
s Inputs and outputs on opposite sides of the package
allowing easy interface with microprocessors
s Functionally identical to the ACQ/ACTQ374
s 3-STATE outputs drive bus lines or buffer memory
address registers
s Outputs source/sink 24 mA
s Faster prop delays than the standard AC/ACT574
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix “X” to the ordering code.
Connection Diagram
Pin Descriptions
FACT
, Quiet Series, FACT Quiet Series and GTO are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACQ574SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ACQ574SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACQ574PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
74ACTQ574SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ACTQ574SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ574PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Pin Names
Description
D0–D7
Data Inputs
CP
Clock Pulse Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Outputs


Similar Part No. - 74ACTQ574SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ574SJ FAIRCHILD-74ACTQ574SJ Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74ACTQ574SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ374 FAIRCHILD-74ACQ374 Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374_07 Datasheet
309Kb / 12P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ374 NSC-54ACQ374 Datasheet
173Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
54ACTQ574 NSC-54ACTQ574 Datasheet
189Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com