Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACTQ646SC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74ACTQ646SC
Description  Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ646SC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74ACTQ646SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ646SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ646SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ646SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ646SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ646SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ646SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ646SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ646SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.fairchildsemi.com
2
Logic Symbols
IEEE/IEC
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
 = LOW-to-HIGH Transition
Note 1: The data output functions may be enabled or disabled by various signals at the G and DIR inputs. Data input functions are always enabled; i.e., data
at the bus pins will be stored on every LOW-to-HIGH transition of the appropriate clock inputs.
Inputs
Data I/O (Note 1)
Function
G
DIR
CPAB CPBA
SAB
SBA
A0–A7
B0–B7
H
X
H or L H or L
X
X
Isolation
HX

X
X
X
Input
Input
Clock An Data into A Register
HX
X

X
X
Clock Bn Data into B Register
LH
X
X
L
X
An to Bn—Real Time (Transparent Mode)
LH

X
L
X
Input
Output Clock An Data into A Register
L
H
H or L
X
H
X
A Register to Bn (Stored Mode)
LH

X
H
X
Clock An Data into A Register and Output to Bn
LL
X
X
X
L
Bn to An—Real Time (Transparent Mode)
LL
X

X
L
Output
Input
Clock Bn Data into B Register
L
L
X
H or L
X
H
B Register to An (Stored Mode)
LL
X

X
H
Clock Bn Data into B Register and Output to An


Similar Part No. - 74ACTQ646SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ652 FAIRCHILD-74ACTQ652 Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
74ACTQ652MTC FAIRCHILD-74ACTQ652MTC Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
74ACTQ652SC FAIRCHILD-74ACTQ652SC Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
74ACTQ652SPC FAIRCHILD-74ACTQ652SPC Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
74ACTQ657SC FAIRCHILD-74ACTQ657SC Datasheet
96Kb / 10P
   Quiet Series??Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
More results

Similar Description - 74ACTQ646SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ646 NSC-54ACTQ646 Datasheet
186Kb / 9P
   Quiet Series Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
54ACQ646 TI1-54ACQ646 Datasheet
231Kb / 11P
[Old version datasheet]   54ACTQ646 Quiet Series Octal Transceiver/Register with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACQ543 FAIRCHILD-74ACQ543 Datasheet
93Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
74ACQ544 FAIRCHILD-74ACQ544 Datasheet
86Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com