Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACTQ245SC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACTQ245SC
Description  Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ245SC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ245SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ245SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ245SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ245SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ245SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ245SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ245SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ245SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ245SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
tm
March 2007
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ245, 74ACTQ245 Rev. 1.4
74ACQ245, 74ACTQ245
Quiet Series™ Octal Bidirectional Transceiver with
3-STATE Inputs/Outputs
Features
ICC and IOZ reduced by 50%
Guaranteed simultaneous switching noise level and
dynamic threshold performance
Guaranteed pin-to-pin skew AC performance
Improved latch-up immunity
3-STATE outputs drive bus lines or buffer memory
address registers
Outputs source/sink 24mA
Faster prop delays than the standard ACT245
General Description
The ACQ/ACTQ245 contains eight non-inverting bidirec-
tional buffers with 3-STATE outputs and is intended for
bus-oriented applications. Current sinking capability is
24mA at both the A and B ports. The Transmit/Receive
(T/R) input determines the direction of data flow through
the bidirectional transceiver. Transmit (active-HIGH)
enables data from A Ports to B Ports; Receive (active-
LOW) enables data from B Ports to A Ports. The Output
Enable input, when HIGH, disables both A and B ports
by placing them in a HIGH Z condition.
The
ACQ/ACTQ
utilizes
Fairchild
Quiet
Series™
technology to guarantee quiet output switching and
improve dynamic threshold performance. FACT Quiet
Series™ features GTO™ output control and undershoot
corrector in addition to a split ground bus for superior
performance.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Pb-Free package per JEDEC J-STD-020B.
Note:
1. Device available in Tape and Reel only.
Order Number
Package
Number
Package Description
74ACQ245SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300"
Wide
74ACQ245SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ245SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300"
Wide
74ACTQ245SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ245QSC
MQA20
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150"
Wide
74ACTQ245MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm
Wide
74ACTQ245MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74ACTQ245MTCX_NL(1)
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
FACT™, Quiet Series™, FACT Quiet Series™, and GTO™ are trademarks of Fairchild Semiconductor Corporation.


Similar Part No. - 74ACTQ245SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ245SC FAIRCHILD-74ACTQ245SC Datasheet
461Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results

Similar Description - 74ACTQ245SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ245PC FAIRCHILD-74ACTQ245PC Datasheet
144Kb / 11P
   Quiet Series Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACQ245 FAIRCHILD-74ACQ245_08 Datasheet
461Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
National Semiconductor ...
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Texas Instruments
54ACQ245 TI1-54ACQ245 Datasheet
198Kb / 10P
[Old version datasheet]   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_10 Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com