Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACQ374SJ Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ACQ374SJ
Description  Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ374SJ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ACQ374SJ Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ374SJ Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ374SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ374SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ374SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ374SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ374SJ Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ374SJ Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ374SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for ACQ
Note 13: Voltage Range 5.0 is 5.0V
± 0.5V
Voltage Range 3.3 is 3.3V
± 0.3V
Note 14: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
AC Operating Requirements for ACQ
Note 15: Voltage Range 5.0 is 5.0V
± 0.5V
Voltage Range 3.3 is 3.3V
± 0.3V
AC Electrical Characteristics for ACTQ
Note 16: Voltage Range 5.0 is 5.0V
± 0.5V
Note 17: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 13)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
3.3
75
70
MHz
Frequency
5.0
90
85
tPLH
Propagation Delay
3.3
3.0
9.5
13.0
3.0
13.5
ns
tPHL
CP to On
5.0
2.0
6.5
8.5
2.0
9.0
tPZL
Output Enable Time
3.3
3.0
9.5
13.0
3.0
13.5
ns
tPZH
5.0
2.0
6.5
8.5
2.0
9.0
tPHZ
Output Disable Time
3.3
1.0
9.5
14.5
1.0
15.0
ns
tPLZ
5.0
1.0
8.0
9.5
1.0
10.0
tOSHL
Output to Output Skew (Note 14)
3.3
1.0
1.5
1.5
ns
tOSLH
CP to On
5.0
0.5
1.0
1.0
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 15)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
3.3
0
3.0
3.0
ns
Dn to CP
5.0
0
3.0
3.0
tH
Hold Time, HIGH or LOW
3.3
0
1.5
1.5
ns
Dn to CP
5.0
2.0
1.5
1.5
tW
CP Pulse Width,
3.3
2.0
4.0
4.0
ns
HIGH or LOW
5.0
2.0
4.0
4.0
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 16)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
5.0
85
80
MHz
Frequency
tPLH
Propagation Delay
5.0
2.0
7.0
9.0
2.0
9.5
ns
tPHL
CP to On
tPZL tPZH
Output Enable Time
5.0
2.0
7.5
9.0
2.0
9.5
ns
tPHZ tPLZ
Output Disable Time
5.0
1.0
8.0
10.0
1.0
10.5
ns
tOSHL
Output to Output Skew (Note 17)
5.0
0.5
1.0
1.0
ns
tOSLH
CP to On


Similar Part No. - 74ACQ374SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ374SJ FAIRCHILD-74ACQ374SJ Datasheet
309Kb / 12P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74ACQ374SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374_07 Datasheet
309Kb / 12P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574 Datasheet
98Kb / 10P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ374 NSC-54ACQ374 Datasheet
173Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
54ACTQ574 NSC-54ACTQ574 Datasheet
189Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com