Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1808747 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1808747
Description  Printed-circuit board connector - FKICS 2,5/ 4-STD-5,08-RN - 1808747
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1808747 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1808747 Datasheet HTML 1Page - PHOENIX CONTACT 1808747 Datasheet HTML 2Page - PHOENIX CONTACT 1808747 Datasheet HTML 3Page - PHOENIX CONTACT 1808747 Datasheet HTML 4Page - PHOENIX CONTACT 1808747 Datasheet HTML 5Page - PHOENIX CONTACT 1808747 Datasheet HTML 6Page - PHOENIX CONTACT 1808747 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/1808747
17.01.2013   Page 5 / 7
Printed-circuit board connector - FKICS 2,5/ 4-STD-5,08-
RN - 1808747
Accessories
Reducing plug - RPS - 0201647
Reducing plug, Color: gray
 
 
Test plugs - MPS-MT - 0201744
Test plugs
 
 
Tools
Screwdriver - SZS 0,6X3,5 - 1205053
Actuation tool, for ST terminal blocks, insulated, also suitable for use as a bladed screwdriver, size: 0.6 x
3.5 x 100 mm, 2-component grip, with non-slip grip
 
 
Drawings
Diagram
100
80
60
40
20
0
0
2
4
6
8
10
12
14
16
18
20
22
24
=2-pos.
=5-pos.
=16-pos.
Umgebungstemperatur[°C]
Type: FKC 2,5/...-ST-5,08-RF with FKICS 2,5/...-STD-5,08-RN


Similar Part No. - 1808747

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1808705 PHOENIX-1808705 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/16-ST-5,08-RF
1808719 PHOENIX-1808719 Datasheet
54Kb / 3P
   Printed-circuit board connector - MSTBV 2,5/ 7-G-5,08 BK
1808721 PHOENIX-1808721 Datasheet
97Kb / 7P
   Printed-circuit board connector - FKICS 2,5/ 2-STD-5,08-RN
1808734 PHOENIX-1808734 Datasheet
97Kb / 7P
   Printed-circuit board connector - FKICS 2,5/ 3-STD-5,08-RN
1808750 PHOENIX-1808750 Datasheet
97Kb / 7P
   Printed-circuit board connector - FKICS 2,5/ 5-STD-5,08-RN - 1808750
More results

Similar Description - 1808747

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1808860 PHOENIX-1808860 Datasheet
97Kb / 7P
   Printed-circuit board connector - FKICS 2,5/16-STD-5,08-RN
1808844 PHOENIX-1808844 Datasheet
97Kb / 7P
   Printed-circuit board connector - FKICS 2,5/14-STD-5,08-RN
1808721 PHOENIX-1808721 Datasheet
97Kb / 7P
   Printed-circuit board connector - FKICS 2,5/ 2-STD-5,08-RN
1808734 PHOENIX-1808734 Datasheet
97Kb / 7P
   Printed-circuit board connector - FKICS 2,5/ 3-STD-5,08-RN
1808828 PHOENIX-1808828 Datasheet
96Kb / 7P
   Printed-circuit board connector - FKICS 2,5/12-STD-5,08-RN
1808831 PHOENIX-1808831 Datasheet
97Kb / 7P
   Printed-circuit board connector - FKICS 2,5/13-STD-5,08-RN
1808857 PHOENIX-1808857 Datasheet
97Kb / 7P
   Printed-circuit board connector - FKICS 2,5/15-STD-5,08-RN
1808792 PHOENIX-1808792 Datasheet
97Kb / 7P
   Printed-circuit board connector - FKICS 2,5/ 9-STD-5,08-RN - 1808792
1808750 PHOENIX-1808750 Datasheet
97Kb / 7P
   Printed-circuit board connector - FKICS 2,5/ 5-STD-5,08-RN - 1808750
1808776 PHOENIX-1808776 Datasheet
97Kb / 7P
   Printed-circuit board connector - FKICS 2,5/ 7-STD-5,08-RN - 1808776
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com