Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1808569 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1808569
Description  Printed-circuit board connector - FKCS 2,5/ 2-ST-5,08- RF - 1808569
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1808569 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1808569 Datasheet HTML 1Page - PHOENIX CONTACT 1808569 Datasheet HTML 2Page - PHOENIX CONTACT 1808569 Datasheet HTML 3Page - PHOENIX CONTACT 1808569 Datasheet HTML 4Page - PHOENIX CONTACT 1808569 Datasheet HTML 5Page - PHOENIX CONTACT 1808569 Datasheet HTML 6Page - PHOENIX CONTACT 1808569 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/1808569
17.01.2013   Page 3 / 7
Printed-circuit board connector - FKCS 2,5/ 2-ST-5,08-
RF - 1808569
Classifications
UNSPSC
UNSPSC 7.0901
39121409
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27141190
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
 
B
D
mm²/AWG/kcmil
26-12
26-12
Nominal current IN
10 A
10 A
Nominal voltage UN
300 V
300 V
cUL Recognized 
 
B
D
mm²/AWG/kcmil
26-12
26-12
Nominal current IN
10 A
10 A
Nominal voltage UN
300 V
300 V


Similar Part No. - 1808569

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1808560 PHOENIX-1808560 Datasheet
97Kb / 5P
   Base strip - MSTBV 2,5/12-GEH-5,08
More results

Similar Description - 1808569

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1808585 PHOENIX-1808585 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/ 4-ST-5,08-RF
1808705 PHOENIX-1808705 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/16-ST-5,08-RF
1808666 PHOENIX-1808666 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/12-ST-5,08-RF
1808682 PHOENIX-1808682 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/14-ST-5,08-RF
1808695 PHOENIX-1808695 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/15-ST-5,08-RF
1808679 PHOENIX-1808679 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/13-ST-5,08-RF
1808624 PHOENIX-1808624 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/ 8-ST-5,08-RF - 1808624
1808608 PHOENIX-1808608 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/ 6-ST-5,08-RF - 1808608
1808640 PHOENIX-1808640 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/10-ST-5,08-RF - 1808640
1808637 PHOENIX-1808637 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/ 9-ST-5,08-RF - 1808637
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com