Part Name
         Description
74ACQ245

 Quiet Series™ Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs ( 13 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
 
 1 page
background image
tm
March 2007
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ245, 74ACTQ245 Rev. 1.4
74ACQ245, 74ACTQ245
Quiet Series™ Octal Bidirectional Transceiver with
3-STATE Inputs/Outputs
Features
ICC and IOZ reduced by 50%
Guaranteed simultaneous switching noise level and
dynamic threshold performance
Guaranteed pin-to-pin skew AC performance
Improved latch-up immunity
3-STATE outputs drive bus lines or buffer memory
address registers
Outputs source/sink 24mA
Faster prop delays than the standard ACT245
General Description
The ACQ/ACTQ245 contains eight non-inverting bidirec-
tional buffers with 3-STATE outputs and is intended for
bus-oriented applications. Current sinking capability is
24mA at both the A and B ports. The Transmit/Receive
(T/R) input determines the direction of data flow through
the bidirectional transceiver. Transmit (active-HIGH)
enables data from A Ports to B Ports; Receive (active-
LOW) enables data from B Ports to A Ports. The Output
Enable input, when HIGH, disables both A and B ports
by placing them in a HIGH Z condition.
The
ACQ/ACTQ
utilizes
Fairchild
Quiet
Series™
technology to guarantee quiet output switching and
improve dynamic threshold performance. FACT Quiet
Series™ features GTO™ output control and undershoot
corrector in addition to a split ground bus for superior
performance.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Pb-Free package per JEDEC J-STD-020B.
Note:
1. Device available in Tape and Reel only.
Order Number
Package
Number
Package Description
74ACQ245SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300"
Wide
74ACQ245SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ245SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300"
Wide
74ACTQ245SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ245QSC
MQA20
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150"
Wide
74ACTQ245MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm
Wide
74ACTQ245MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74ACTQ245MTCX_NL(1)
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
FACT™, Quiet Series™, FACT Quiet Series™, and GTO™ are trademarks of Fairchild Semiconductor Corporation.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC54F245OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS 1 2 Motorola, Inc
74AC245_05Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACQ240_07Quiet Series™ Octal Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
MC74F657AOCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER 3-STATE OUTPUTS 1 2 3 4 5 Motorola, Inc
MC74AC245_06Octal Bidirectional Transceiver with 3−State Inputs/Outputs 1 2 3 4 5 MoreON Semiconductor
74ACQ244_07Quiet Series™ Octal Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74F245Octal Bidirectional Transceiver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN74LVT245B3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74ABT245Octal Bi-Directional Transceiver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN74LVC4245AOCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl