Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1404721 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1404721
Description  Sensor/Actuator cable - SAC-4P-M 8MS/0,6-PVC/M 8FS BL- 1404721
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404721 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1404721 Datasheet HTML 1Page - PHOENIX CONTACT 1404721 Datasheet HTML 2Page - PHOENIX CONTACT 1404721 Datasheet HTML 3Page - PHOENIX CONTACT 1404721 Datasheet HTML 4Page - PHOENIX CONTACT 1404721 Datasheet HTML 5Page - PHOENIX CONTACT 1404721 Datasheet HTML 6Page - PHOENIX CONTACT 1404721 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/1404721
17.01.2013   Page 5 / 7
Sensor/Actuator cable - SAC-4P-M 8MS/0,6-PVC/M 8FS B-
L - 1404721
Accessories
Conductor marker carrier - PATO 3/15 - 1013135
Conductor marker carrier, transparent, Unlabeled, Mounting type: Clip on, Cable diameter: 4.4-6.7 mm,
Lettering field: 4 x 15 mm
 
 
Conductor marker carrier - PATO 4/15 - 1013148
Conductor marker carrier, transparent, Unlabeled, Mounting type: Clip on, Cable diameter: 6.7-10 mm,
Lettering field: 4 x 15 mm
 
 
Marker pen - B-STIFT - 1051993
Marker pen, for manual labeling of unprinted Zack strips, smear-proof and waterproof, line thickness 0.5 mm
 
 
Protection and sealing elements
Sealing cap - PROT-M 8 FS-PA-CHAIN - 1430857
M8 sealing cap made of plastic with fixing band for sensor cables, for M8 plugs
 
 
Screw plug - PROT-M 8 MS-PA-CHAIN - 1430860
M8 sealing cap made of plastic with fixing band for sensor cables, for M8 sockets
 
 
Tools


Similar Part No. - 1404721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404722 PHOENIX-1404722 Datasheet
126Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MS/1,0-PVC/M 8FS B-L - 1404722
More results

Similar Description - 1404721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404705 PHOENIX-1404705 Datasheet
121Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/0,6-PVC/M 8FS BL 1404705
1549939 PHOENIX-1549939 Datasheet
102Kb / 4P
   Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/4P-M 8FS
12/06/2018
1682236 PHOENIX-1682236 Datasheet
164Kb / 13P
   Sensor/actuator cable - SAC-4P-M 8MR/0,6-PUR/M 8FS
09/11/2020
1456323 PHOENIX-1456323 Datasheet
130Kb / 10P
   Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/M 8FS SH
09/11/2020
1562495 PHOENIX-1562495 Datasheet
106Kb / 5P
   Sensor/actuator cable - SAC-4P-M 8MS/0,15-PUR/M 8FS
12/06/2018
1404722 PHOENIX-1404722 Datasheet
126Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MS/1,0-PVC/M 8FS B-L - 1404722
1415581 PHOENIX-1415581 Datasheet
178Kb / 12P
   Sensor/actuator cable - SAC-4P-M 8MR/0,6-PVC/M 8FR
09/11/2020
1417699 PHOENIX-1417699 Datasheet
98Kb / 7P
   Sensor/Actuator cable - SAC-3P-M 8MS/ 0,6-PUR/M 8SIFS
1404706 PHOENIX-1404706 Datasheet
121Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/1,0-PVC/M 8FS B-L - 1404706
1696978 PHOENIX-1696978 Datasheet
102Kb / 5P
   Sensor/actuator cable - SAC-3P-M 8MS/ 1,0-PUR/M 8FS
12/07/2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com