Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT541MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACT541MTC
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT541MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACT541MTC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT541MTC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT541MTC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT541MTC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT541MTC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT541MTC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT541MTC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT541MTC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT541MTC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
DS009967
www.fairchildsemi.com
November 1988
Revised March 2005
74AC541 • 74ACT541
Octal Buffer/Line Driver with 3-STATE Outputs
General Description
The 74AC541 and 74ACT541 are octal buffer/line drivers
designed to be employed as memory and address drivers,
clock drivers and bus oriented transmitter/receivers.
These devices are similar in function to the 74AC244 and
74ACTC244 while providing flow-through architecture
(inputs on opposite side from outputs). This pinout arrange-
ment makes these devices especially useful as an output
port for microprocessors, allowing ease of layout and
greater PC board density.
Features
s ICC and IOZ reduced by 50%
s 3-STATE outputs
s Inputs and outputs opposite side of package, allowing
easier interface to microprocessors
s Output source/sink 24 mA
s 74AC541 is a non-inverting option of the 74AC540
s 74ACT541 has TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDED J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
FACT
¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package
Package Description
Number
74AC541SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74AC541SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC541MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC541MTCX_NL
(Note 1)
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74AC541PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74ACT541SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ACT541MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT541MTCX_NL
(Note 1)
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74ACT541PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - 74ACT541MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT541MTC FAIRCHILD-74ACT541MTC Datasheet
348Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74ACT541MTC ONSEMI-74ACT541MTC Datasheet
349Kb / 13P
   Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
More results

Similar Description - 74ACT541MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com