Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT521PC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACT521PC
Description  8-Bit Identity Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT521PC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACT521PC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT521PC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT521PC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT521PC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT521PC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT521PC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT521PC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT521PC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT521PC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
DS009964
www.fairchildsemi.com
November 1988
Revised March 2005
74AC521 • 74ACT521
8-Bit Identity Comparator
General Description
The AC/ACT521 is an expandable 8-bit comparator. It com-
pares two words of up to eight bits each and provides a
LOW output when the two words match bit for bit. The
expansion input IA B also serves as an active LOW enable
input.
Features
s ICC reduced by 50%
s Compares two 8-bit words in 6.5 ns typ
s Expandable to any word length
s 20-pin package
s Outputs source/sink 24 mA
s ACT521 has TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering table.
Pb-Free package per JEDEC J-STD-020B.
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74AC521SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74AC521SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC521MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC521PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74ACT521SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ACT521SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACT521MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT521PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
A0–A7
Word A Inputs
B0–B7
Word B Inputs
TA B
Expansion or Enable Input
OA B
Identity Output


Similar Part No. - 74ACT521PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT520 FAIRCHILD-74ACT520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74ACT520 FAIRCHILD-74ACT520 Datasheet
282Kb / 11P
   8-Bit Identity Comparator
74ACT520PC FAIRCHILD-74ACT520PC Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74ACT520PC FAIRCHILD-74ACT520PC Datasheet
282Kb / 11P
   8-Bit Identity Comparator
74ACT520SC FAIRCHILD-74ACT520SC Datasheet
80Kb / 8P
   8-Bit Identity Comparator
More results

Similar Description - 74ACT521PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
   8-Bit Identity Comparator
logo
National Semiconductor ...
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
   8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
   8-Bit Identity Comparator
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
logo
Texas Instruments
54AC520 TI1-54AC520 Datasheet
220Kb / 11P
[Old version datasheet]   8-Bit Identity Comparator
logo
NXP Semiconductors
74F521 PHILIPS-74F521 Datasheet
79Kb / 8P
   8-bit identity comparator
1990 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com