Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2508051017Y0 Datasheet(PDF) 2 Page - Fair-Rite Products Corp.

Part # 2508051017Y0
Description  MULTI-LAYER CHIP BEAD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2508051017Y0 Datasheet(HTML) 2 Page - Fair-Rite Products Corp.

  2508051017Y0 Datasheet HTML 1Page - Fair-Rite Products Corp. 2508051017Y0 Datasheet HTML 2Page - Fair-Rite Products Corp. 2508051017Y0 Datasheet HTML 3Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fair-Rite Products Corp. PO Box J,One Commercial Row, Wallkill, NY 12589-0288
Phone: (888) 324-7748 www.fair-rite.com
Fair-Rite Product's Catalog
Part Data Sheet, 2508051017Y0
Printed: 2010-11-09
Mechanical Specifications
Dim
mm
mm
nominal
inch
tol
inch
misc.
A
0.90
±0.20
0.035
-
B
1.25
±0.20
0.049
-
C
2.00
±0.20
0.079
-
D
0.50
±0.30
0.020
-
E
-
-
-
-
F
-
-
-
-
G
-
-
-
-
H
-
-
-
-
J
-
-
-
-
K
-
-
-
-
Land Patterns
V
W
X
Y
Z
ref
0.600
1.900
1.500
1.300
-
0.024
0.075
0.059
0.051
-
Winding Information
Turns
Wire
1st Wire
2nd Wire
Tested
Size
Length
Length
-
-
-
-
Reel Information
Tape Width Pitch
Parts 7 ''
Parts 13 '' Parts 14 ''
mm
mm
Reel
Reel
Reel
8
4
4000
10000
-
Package Size
Pkg Size
0805
(2012)
Electrical Specifications
Typical Impedance ( )
50 MHz
75
100 MHz+
100 ±25%
500 MHz
134
1000 MHz+
-
Connector Plate
# Holes
# Rows
-
-
Electrical Properties
Signal Speed
Standard
Max DCR ( )
0.20
Max Current (mA)
300
Legend
+ Test frequency
Preferred parts, the suggested choice for new designs,have shorter lead times and are more readily available.
The column H(Oe) gives for each bead the calculated dc bias field in oersted for 1 turn and 1 ampere direct current. The actual dc H field in
the application is this value of H times the actual NI (ampere-turn) product. For the effect of the dc bias on the impedance of the bead material,
see figures 18-23 in the application note How to choose Ferrite Components for EMI Suppression.
A ½ turn is defined as a single pass through a hole.
l/A - Core Constant
l e: Effective Path Length
Ae: Effective Cross-Sectional Area
Ve: Effective Core Volume
AL- Inductance Factor (
L
__
N 2)
Nl - Value of dc Ampere-turns
N/AWG - Number of Turns/Wire Size for Test Coil


Similar Part No. - 2508051017Y0

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2508051017Y0 FAIR-RITE-2508051017Y0 Datasheet
1Mb / 3P
   Chip Beads
2508051017Y0 FAIR-RITE-2508051017Y0_18 Datasheet
1Mb / 3P
   Chip Beads
More results

Similar Description - 2508051017Y0

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2504023017Y0 FAIR-RITE-2504023017Y0 Datasheet
294Kb / 3P
   MULTI-LAYER CHIP BEAD
2508051817Y0 FAIR-RITE-2508051817Y0 Datasheet
231Kb / 2P
   MULTI-LAYER CHIP BEAD
2506036007Y0 FAIR-RITE-2506036007Y0 Datasheet
294Kb / 3P
   MULTI-LAYER CHIP BEAD
2508051527Y0 FAIR-RITE-2508051527Y0 Datasheet
308Kb / 3P
   MULTI-LAYER CHIP BEAD
2506038007Y0 FAIR-RITE-2506038007Y0 Datasheet
293Kb / 3P
   MULTI-LAYER CHIP BEAD
2508051217Z0 FAIR-RITE-2508051217Z0 Datasheet
287Kb / 3P
   MULTI-LAYER CHIP BEAD
2508052027Z0 FAIR-RITE-2508052027Z0 Datasheet
295Kb / 3P
   MULTI-LAYER CHIP BEAD
2512061027Y0 FAIR-RITE-2512061027Y0 Datasheet
316Kb / 3P
   MULTI-LAYER CHIP BEAD
2512067007Y0 FAIR-RITE-2512067007Y0 Datasheet
283Kb / 3P
   MULTI-LAYER CHIP BEAD
2518061017Y0 FAIR-RITE-2518061017Y0 Datasheet
280Kb / 3P
   MULTI-LAYER CHIP BEAD
2504026017Y0 FAIR-RITE-2504026017Y0 Datasheet
293Kb / 3P
   MULTI-LAYER CHIP BEAD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com