Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT646 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74ACT646
Description  Octal Transceiver/Register with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT646 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 74ACT646 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT646 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT646 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT646 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT646 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT646 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT646 Datasheet HTML 8Page - Fairchild Semiconductor 74ACT646 Datasheet HTML 9Page - Fairchild Semiconductor 74ACT646 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.fairchildsemi.com
8
AC Operating Requirements for ACT
Note 11: Voltage Range 5.0 is 5.0V
±0.5V
Capacitance
VCC
TA = +25°C
TA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 11)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
2.5
7.0
8.0
ns
BUS to Clock
tH
Hold Time, HIGH or LOW
5.0
0
2.5
2.5
ns
Bus to Clock
tW
Clock Pulse Width
5.0
4.5
7.0
8.0
ns
HIGH or LOW
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CI/O
Input/Output Capacitance
15.0
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
60.0
pF
VCC = 5.0V


Similar Part No. - 74ACT646

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT646 FAIRCHILD-74ACT646 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74ACT646SC FAIRCHILD-74ACT646SC Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74ACT646SPC FAIRCHILD-74ACT646SPC Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
More results

Similar Description - 74ACT646

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646_04 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com