Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC373 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74AC373
Description  Octal Transparent Latch with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC373 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74AC373 Datasheet HTML 1Page - Fairchild Semiconductor 74AC373 Datasheet HTML 2Page - Fairchild Semiconductor 74AC373 Datasheet HTML 3Page - Fairchild Semiconductor 74AC373 Datasheet HTML 4Page - Fairchild Semiconductor 74AC373 Datasheet HTML 5Page - Fairchild Semiconductor 74AC373 Datasheet HTML 6Page - Fairchild Semiconductor 74AC373 Datasheet HTML 7Page - Fairchild Semiconductor 74AC373 Datasheet HTML 8Page - Fairchild Semiconductor 74AC373 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
AC Operating Requirements for AC
Note 9: Voltage Range 3.3 is 3.3V
r 0.3V
Voltage Range 5.0 is 5.0V
r 0.5V
AC Electrical Characteristics for ACT
Note 10: Voltage Range 5.0 is 5.0V
r 0.5V
AC Operating Requirements for ACT
Note 11: Voltage Range 5.0 is 5.0V
r 0.5V
Capacitance
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 9)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
3.3
3.5
5.5
6.0
ns
Dn to LE
5.0
2.0
4.0
4.5
tH
Hold Time, HIGH or LOW
3.3
3.0
1.0
1.0
ns
Dn to LE
5.0
1.5
1.0
1.0
tW
LE Pulse Width,
3.3
4.0
5.5
6.0
ns
HIGH
5.0
2.0
4.0
4.5
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 10)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
2.5
8.5
10.0
1.5
11.5
ns
Dn to On
tPHL
Propagation Delay
5.0
2.0
8.0
10.0
1.5
11.5
ns
Dn to On
tPLH
Propagation Delay
5.0
2.5
8.5
11.0
2.0
11.5
ns
LE to On
tPHL
Propagation Delay
5.0
2.0
8.0
10.0
1.5
11.5
ns
LE to On
tPZH
Output Enable Time
5.0
2.0
8.0
9.5
1.5
10.5
ns
tPZL
Output Enable Time
5.0
2.0
7.5
9.0
1.5
10.5
ns
tPHZ
Output Disable Time
5.0
2.5
9.0
11.0
2.5
12.5
ns
tPLZ
Output Disable Time
5.0
1.5
7.5
8.5
1.0
10.0
ns
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 11)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
0.8
2.5
3.5
ns
Dn to LE
tH
Hold Time, HIGH or LOW
5.0
0
0
1.0
ns
Dn to LE
tW
LE Pulse Width, HIGH
5.0
2.0
7.0
8.0
ns
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC OPEN
CPD
Power Dissipation Capacitance
40.0
pF
VCC 5.0V


Similar Part No. - 74AC373

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC373 STMICROELECTRONICS-74AC373 Datasheet
241Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
ON Semiconductor
74AC373 ONSEMI-74AC373 Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
logo
STMicroelectronics
74AC373B STMICROELECTRONICS-74AC373B Datasheet
241Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74AC373M STMICROELECTRONICS-74AC373M Datasheet
241Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
More results

Similar Description - 74AC373

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74ACT373SJX FAIRCHILD-74ACT373SJX Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
74F533 FAIRCHILD-74F533 Datasheet
80Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
logo
Motorola, Inc
MC74AC373 MOTOROLA-MC74AC373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com