Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1404715 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1404715
Description  Sensor/Actuator cable - SAC-4P- 2,0-PVC/M 8FS B-L - 1404715
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404715 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1404715 Datasheet HTML 1Page - PHOENIX CONTACT 1404715 Datasheet HTML 2Page - PHOENIX CONTACT 1404715 Datasheet HTML 3Page - PHOENIX CONTACT 1404715 Datasheet HTML 4Page - PHOENIX CONTACT 1404715 Datasheet HTML 5Page - PHOENIX CONTACT 1404715 Datasheet HTML 6Page - PHOENIX CONTACT 1404715 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/1404715
17.01.2013   Page 4 / 7
Sensor/Actuator cable - SAC-4P- 2,0-PVC/M 8FS B-L - 1404715
Accessories
Marking
Insert label - PABA WH/15 - 1013151
Insert label, white, Unlabeled, Can be labeled with: Plotter, Mounting type: Thread on, Cable diameter:
0.6-50 mm, Lettering field: 15 x 4 mm
 
 
Insert label - PABA YE/15 - 1013698
Insert label, yellow, Unlabeled, Can be labeled with: Plotter, Mounting type: Thread on, Cable diameter:
0.6-50 mm, Lettering field: 15 x 4 mm
 
 
Insert label - PABA RD/15 - 1013944
Insert label, red, Unlabeled, Can be labeled with: Plotter, Mounting type: Thread on, Cable diameter: 0.6-50
mm, Lettering field: 15 x 4 mm
 
 
Conductor marker carrier - PATG 2/23 - 1013850
Conductor marker carrier, transparent, Unlabeled, Mounting type: Slide on, Cable diameter: 2-4 mm,
Lettering field: 4 x 23 mm
 
 
Conductor marker carrier - PATG 3/23 - 1013863
Conductor marker carrier, transparent, Unlabeled, Mounting type: Slide on, Cable diameter: 4-7 mm,
Lettering field: 4 x 23 mm
 
 


Similar Part No. - 1404715

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404710 PHOENIX-1404710 Datasheet
124Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MS/ 5,0-PVC B-L - 1404710
1404712 PHOENIX-1404712 Datasheet
128Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MR/ 2,0-PVC B-L - 1404712
1404713 PHOENIX-1404713 Datasheet
128Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MR/ 5,0-PVC B-L - 1404713
1404716 PHOENIX-1404716 Datasheet
124Kb / 7P
   1404716
1404718 PHOENIX-1404718 Datasheet
128Kb / 7P
   Sensor/Actuator cable - SAC-4P- 2,0-PVC/M 8FR B-L - 1404718
More results

Similar Description - 1404715

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404698 PHOENIX-1404698 Datasheet
118Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/M 8FS B-L - 1404698
1404791 PHOENIX-1404791 Datasheet
117Kb / 6P
   Sensor/Actuator cable - SAC-4P- 2,0-PVC/AD B-L
1404718 PHOENIX-1404718 Datasheet
128Kb / 7P
   Sensor/Actuator cable - SAC-4P- 2,0-PVC/M 8FR B-L - 1404718
1404709 PHOENIX-1404709 Datasheet
124Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MS/ 2,0-PVC B-L - 1404709
1404712 PHOENIX-1404712 Datasheet
128Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MR/ 2,0-PVC B-L - 1404712
1404722 PHOENIX-1404722 Datasheet
126Kb / 7P
   Sensor/Actuator cable - SAC-4P-M 8MS/1,0-PVC/M 8FS B-L - 1404722
1404794 PHOENIX-1404794 Datasheet
113Kb / 7P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/B B-L
1404699 PHOENIX-1404699 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/M 8FS B-L - 1404699
1404695 PHOENIX-1404695 Datasheet
124Kb / 7P
   Sensor/Actuator cable - SAC-3P-M 8MR/ 2,0-PVC B-L - 1404695
1404691 PHOENIX-1404691 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/ 2,0-PVC B-L - 1404691
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com