Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLSC32A1AR Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # ZLSC32A1AR
Description  Global Limit Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ZLSC32A1AR Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  ZLSC32A1AR Datasheet HTML 1Page - Honeywell Solid State Electronics Center ZLSC32A1AR Datasheet HTML 2Page - Honeywell Solid State Electronics Center ZLSC32A1AR Datasheet HTML 3Page - Honeywell Solid State Electronics Center ZLSC32A1AR Datasheet HTML 4Page - Honeywell Solid State Electronics Center ZLSC32A1AR Datasheet HTML 5Page - Honeywell Solid State Electronics Center ZLSC32A1AR Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GENERAL INFORMATION
ZLS series limit switches are specifically designed for world-
wide applications and is supported by Honeywell global
resources for sales and after sales service.
ZLS series limit switches are designed to the latest IEC
standard are available and include a wide range of EN50041
and EN50047 type switches. Miniature EN50047 limit
switches are available in metal and double insulated
enclosures and a metal enclosed 3-cable entry version
(EN50047 mounting compatible) is also offered.
Standard ZLS switch circuit variations include 2 and 3-circuit
versions with forced disconnect mechanism. ZLS includes
features to make quick installation easier and safer.
Customers will benefit from Honeywell’s vast experience in
serving world industries over many years.
Most ZLS versions are interchangeable with almost all other
makes of EN50041/47 switches.
TYPICAL APPLICATIONS
□ Machine tools: metal fabrication equipment, presses,
transfer lines and special machinery
□ Material handling equipment: conveyors, elevators, cranes
and hoists
□ Packaging machinery and process equipment
□ Textile machinery
□ Construction machinery and equipment, vehicles and lift
trucks
FEATURES
□ Designed to the new IEC standard for world-wide
applications
□ Positive opening of normal closed contact meets IEC947-
5-1-3 safety standard.
□ UL, CSA, and CE
□ Sealing up to IP/65/ IP 67
□ International conduit sizes
□ Design for ease of installation
□ Eleven basic switch versions, Wide choice of actuators
STANDARDS
IEC 947-1 explains the general rules relating to Low-voltage
switchgear and controlgear. The purpose of this standard is to
harmonize as much as possible the product performance and
test requirements for equipment where the rated voltage does
not exceed 1,000 VAC or 1,500 VDC.
IEC 947-5-1 is part 5 of the general rules which relates to
Controlcircuit devices and switching elements. Also within this
part there is a section which considers Special Requirements
For Control Switches With Positive Opening Operation. Any
control switch which has this positive opening operation and
conforms to these special requirements will be marked on the
outside of the product with this symbol:
The Contact Element Form defines the configuration of the
contacts and the number of contacts within the switch. e.g.
Form Za – both contact elements have the same polarity.
Form Zb – the two contact elements are electrically separated.
The Utilization Category defines the type of current carried (AC)
Alternating current, (DC) Direct current and the typical application
in which the switch is used e.g.
AC15 – Control of Electromagnetic Loads (less than 72VA)
DC13 – Control of electromagnets.
The contact rating Designation relates to the utilization
categories and defines the conventional thermal current lth (A),
rated operational current le (A) at rated operational voltages Ue
and the VA rating e.g.
A600 – The ‘‘A’’ denotes the maximum VA rating (AC) and the ‘‘600’’
denotes the maximum rated (AC) voltage.
Q300 – The ‘‘Q’’ denotes the maximum VA rating (DC) and the ‘‘300’’
denotes the maximum rated (DC) voltage.
These IEC standards have been adopted by CENELEC (The
European Commitee for Electrotechnical Standardization) and
have been identified by replacing IEC with EN 60 e.g.
IEC 947-5-1 then becomes EN 60947-5-1.
CENELEC has defined the dimensions and characteristics of two
types of limit switch in the standards EN 50041 and EN 50047.
These standards relate to Low voltage switchgear and
controlgear for industrial use and define the enclosure
dimensions, the operating point for various head actuators, the
earth terminal requirement, the terminal marking and the
minimum degree of IP protection.
ZLS Series Global Limit Switches


Similar Part No. - ZLSC32A1AR

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
ZLS RUBYCON-ZLS Datasheet
167Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Microsemi Corporation
ZLS30380 MICROSEMI-ZLS30380 Datasheet
375Kb / 8P
   IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
ZLS30383 MICROSEMI-ZLS30383 Datasheet
375Kb / 8P
   IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
ZLS30384 MICROSEMI-ZLS30384 Datasheet
375Kb / 8P
   IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
ZLS30387 MICROSEMI-ZLS30387 Datasheet
375Kb / 8P
   IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
More results

Similar Description - ZLSC32A1AR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
   Limit Switches
logo
Honeywell Solid State E...
WGLA1A01AA1A HONEYWELL-WGLA1A01AA1A Datasheet
453Kb / 10P
   Wireless Global Limit Switch (EN 50041)
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Allen-Bradley
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com