Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1404699 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1404699
Description  Sensor/Actuator cable - SAC-3P- 5,0-PVC/M 8FS B-L - 1404699
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404699 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1404699 Datasheet HTML 1Page - PHOENIX CONTACT 1404699 Datasheet HTML 2Page - PHOENIX CONTACT 1404699 Datasheet HTML 3Page - PHOENIX CONTACT 1404699 Datasheet HTML 4Page - PHOENIX CONTACT 1404699 Datasheet HTML 5Page - PHOENIX CONTACT 1404699 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/1404699
17.01.2013   Page 3 / 6
Sensor/Actuator cable - SAC-3P- 5,0-PVC/M 8FS B-L - 1404699
Classifications
eCl@ss
eCl@ss 5.1
27061801
eCl@ss 6.0
27061801
eCl@ss 7.0
27061801
Approvals
Approvals
Approvals
UL Listed / cUL Listed / cULus Listed
Ex Approvals
Approvals submitted
Approval details
UL Listed 
 
 
Nominal current IN
4 A
Nominal voltage UN
125 V
cUL Listed 
 
 
Nominal current IN
4 A
Nominal voltage UN
125 V
cULus Listed 
Accessories
Accessories
Marking


Similar Part No. - 1404699

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404691 PHOENIX-1404691 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/ 2,0-PVC B-L - 1404691
1404693 PHOENIX-1404693 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/ 5,0-PVC B-L - 1404693
1404695 PHOENIX-1404695 Datasheet
124Kb / 7P
   Sensor/Actuator cable - SAC-3P-M 8MR/ 2,0-PVC B-L - 1404695
1404696 PHOENIX-1404696 Datasheet
124Kb / 7P
   Sensor/Actuator cable - SAC-3P-M 8MR/ 5,0-PVC B-L - 1404696
1404698 PHOENIX-1404698 Datasheet
118Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/M 8FS B-L - 1404698
More results

Similar Description - 1404699

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404698 PHOENIX-1404698 Datasheet
118Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/M 8FS B-L - 1404698
1404795 PHOENIX-1404795 Datasheet
113Kb / 7P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/B B-L
1404788 PHOENIX-1404788 Datasheet
113Kb / 6P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/A B-L
1404802 PHOENIX-1404802 Datasheet
109Kb / 5P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/C B-L
1404805 PHOENIX-1404805 Datasheet
113Kb / 6P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/CI B-L
1404798 PHOENIX-1404798 Datasheet
113Kb / 7P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/BI B-L
1404706 PHOENIX-1404706 Datasheet
121Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/1,0-PVC/M 8FS B-L - 1404706
1404693 PHOENIX-1404693 Datasheet
119Kb / 6P
   Sensor/Actuator cable - SAC-3P-M 8MS/ 5,0-PVC B-L - 1404693
1404696 PHOENIX-1404696 Datasheet
124Kb / 7P
   Sensor/Actuator cable - SAC-3P-M 8MR/ 5,0-PVC B-L - 1404696
1404703 PHOENIX-1404703 Datasheet
120Kb / 6P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/M 8FR B-L - 1404703
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com