Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZC-W155 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # ZC-W155
Description  Small, High-precision ENclosed Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZC-W155 Datasheet(HTML) 3 Page - Omron Electronics LLC

  ZC-W155 Datasheet HTML 1Page - Omron Electronics LLC ZC-W155 Datasheet HTML 2Page - Omron Electronics LLC ZC-W155 Datasheet HTML 3Page - Omron Electronics LLC ZC-W155 Datasheet HTML 4Page - Omron Electronics LLC ZC-W155 Datasheet HTML 5Page - Omron Electronics LLC ZC-W155 Datasheet HTML 6Page - Omron Electronics LLC ZC-W155 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Engineering Data
Electrical Life Expectancy
Switching current (A)
Operating frequency: 20 operations/min
125 VAC (cos
φ = 1)
125 VAC (cos
φ = 0.4)
250 VAC (cos
φ = 1)
250 VAC (cos
φ = 0.4)
100
70
50
30
10
7
5
3
1
0.7
0.5
0.3
Dimensions
Note:
1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
ZC-D55
ZC-Q55
7.8 dia.
(see note)
Two, 4.3
±0.1 dia.
mounting holes
Terminal
protective
cover
Seal rubber
Two, 4.3
±0.1 dia.
mounting holes
22 max.
7.8 dia.
(see note 1)
(See
note 2)
Seal rubber
14 dia
(21 x 21)
(21 x 21)
Terminal
protective
cover
22 max.
Two, M14
Note:
Stainless steel plunger
Note:
1.
Stainless steel plunger
2.
The length of the imperfect
threads is 1.5 mm maximum.
(15)
(15)
Two hexagon nuts
(thickness: 3
width: 17)


Similar Part No. - ZC-W155

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZC-W155 OMRON-ZC-W155 Datasheet
500Kb / 8P
   Small, High-precision ENclosed Switch
More results

Similar Description - ZC-W155

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZC-D55 OMRON-ZC-D55_06 Datasheet
500Kb / 8P
   Small, High-precision ENclosed Switch
logo
Honeywell Solid State E...
8LS1 HONEYWELL-8LS1 Datasheet
60Kb / 1P
   SWITCH-ENCLOSED
BZE6-2RN HONEYWELL-BZE6-2RN Datasheet
39Kb / 1P
   SWITCH - ENCLOSED
logo
Omron Electronics LLC
SHL-Q2255 OMRON-SHL-Q2255 Datasheet
1Mb / 8P
   Enclosed Switch
logo
Honeywell Accelerometer...
LSD1A HONEYWELL-ACC-LSD1A Datasheet
729Kb / 10P
   SWITCH-ENCLOSED
logo
Honeywell Solid State E...
LSC2B HONEYWELL-LSC2B Datasheet
729Kb / 10P
   SWITCH - ENCLOSED
DTE6-2RN HONEYWELL-DTE6-2RN Datasheet
36Kb / 1P
   SWITCH-ENCLOSED
GLAD01A1B HONEYWELL-GLAD01A1B Datasheet
1Mb / 8P
   SWITCH, ENCLOSED
logo
Honeywell Accelerometer...
LSD5A HONEYWELL-ACC-LSD5A Datasheet
729Kb / 10P
   SWITCH - ENCLOSED
logo
Honeywell Solid State E...
1LS1-J HONEYWELL-1LS1-J Datasheet
53Kb / 1P
   SWITCH-ENCLOSED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com