Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZC-N2255 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # ZC-N2255
Description  Small, High-precision ENclosed Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZC-N2255 Datasheet(HTML) 5 Page - Omron Electronics LLC

  ZC-N2255 Datasheet HTML 1Page - Omron Electronics LLC ZC-N2255 Datasheet HTML 2Page - Omron Electronics LLC ZC-N2255 Datasheet HTML 3Page - Omron Electronics LLC ZC-N2255 Datasheet HTML 4Page - Omron Electronics LLC ZC-N2255 Datasheet HTML 5Page - Omron Electronics LLC ZC-N2255 Datasheet HTML 6Page - Omron Electronics LLC ZC-N2255 Datasheet HTML 7Page - Omron Electronics LLC ZC-N2255 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ZC-
@55
Molded Terminal Models
(Not Approved by UL, CSA, or EN)
Use of the molded terminal model is recommended in locations
subject to excessive dust, oil drips, or moisture.
All types of ZC Switches can be fabricated into a molded terminal
version. In this case, the molded terminal model will have the same
dimensions and operating characteristics as the basic model from
which the molded terminal model is fabricated.
Suffix by Location of Lead Outlet
Lead Supplies
Note: When placing your order for the Switch, specify the required length of
V.C.T. cable in addition to the model number of the Switch.
Consult with your OMRON representative for other types of lead wires
and for lead wires longer than 3 m.
How to Order
Example:
Standard type:
ZC-Q2255
Location of lead output:Right side
Length of lead:
1 m (V.C.T. lead)
When placing your order for the above Switch, specify the model
number as ZC-Q2255-MR VCT 1M.
Terminal Protective Cover, Seal Rubber, and
Rubber Packing
(The Switch is equipped with these 3 items as a
standard.)
• ZC Terminal Cover
(Product code: ZC55-0002H)
• ZC Seal Rubber
(Product code: SC-1404C)
• ZC Rubber Packing
(Product code: ZC55-0003F)
Location of
lead output
Model (Suffix)
COM, NC, NO
Right-hand
-MR
Left-hand
-ML
Underside
-MD
Leads
Speci-
fica-
tion
Nominal
cross-sectional
area
(mm2)
External
diameter
(mm)
Terminal
connec-
tions
Length
(m)
V.C.T.
(vinyl
cabtire
cable)
1.25
3 conductor:
10.5 dia.
Black:
COM
White: NO
Red: NC
1, 3
Note: The suffixes on the
left can be added to
the model numbers
given on page 1 to
specify molded
terminals.


Similar Part No. - ZC-N2255

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZC-N2255 OMRON-ZC-N2255 Datasheet
272Kb / 7P
   Small, High-precision ENclosed Switch
More results

Similar Description - ZC-N2255

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZC-W55 OMRON-ZC-W55 Datasheet
272Kb / 7P
   Small, High-precision ENclosed Switch
logo
Honeywell Solid State E...
8LS1 HONEYWELL-8LS1 Datasheet
60Kb / 1P
   SWITCH-ENCLOSED
BZE6-2RN HONEYWELL-BZE6-2RN Datasheet
39Kb / 1P
   SWITCH - ENCLOSED
logo
Omron Electronics LLC
SHL-Q2255 OMRON-SHL-Q2255 Datasheet
1Mb / 8P
   Enclosed Switch
logo
Honeywell Accelerometer...
LSD1A HONEYWELL-ACC-LSD1A Datasheet
729Kb / 10P
   SWITCH-ENCLOSED
logo
Honeywell Solid State E...
LSC2B HONEYWELL-LSC2B Datasheet
729Kb / 10P
   SWITCH - ENCLOSED
DTE6-2RN HONEYWELL-DTE6-2RN Datasheet
36Kb / 1P
   SWITCH-ENCLOSED
GLAD01A1B HONEYWELL-GLAD01A1B Datasheet
1Mb / 8P
   SWITCH, ENCLOSED
logo
Honeywell Accelerometer...
LSD5A HONEYWELL-ACC-LSD5A Datasheet
729Kb / 10P
   SWITCH - ENCLOSED
logo
Honeywell Solid State E...
1LS1-J HONEYWELL-1LS1-J Datasheet
53Kb / 1P
   SWITCH-ENCLOSED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com