Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZC-Q2255 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # ZC-Q2255
Description  Small, High-precision ENclosed Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZC-Q2255 Datasheet(HTML) 6 Page - Omron Electronics LLC

  ZC-Q2255 Datasheet HTML 1Page - Omron Electronics LLC ZC-Q2255 Datasheet HTML 2Page - Omron Electronics LLC ZC-Q2255 Datasheet HTML 3Page - Omron Electronics LLC ZC-Q2255 Datasheet HTML 4Page - Omron Electronics LLC ZC-Q2255 Datasheet HTML 5Page - Omron Electronics LLC ZC-Q2255 Datasheet HTML 6Page - Omron Electronics LLC ZC-Q2255 Datasheet HTML 7Page - Omron Electronics LLC ZC-Q2255 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ZC-
@55
Operation Indicator-equipped Models (Not Approved by UL, CSA, or EN)
• All the models can be equipped upon request with a operation indicator to facilitate maintenance and inspection.
• Because the indicator is incorporated in the Terminal Protective Cover, the dimensions of the Limit Switch are not affected. In this model, the
lead wire is to be connected to the screw terminal. (A connecting washer is provided on the tip of the lead wire).
The lead wire can be connected to either the NC or NO terminal.
• Operating characteristics are the same as the standard model from which the operation indicator equipped model is fabricated.
(For AC)
• The operating voltage range is from 90 to 250 VAC.
• The dimensions are the same as the standard type. The top of the
Terminal Protective Cover is transparent to allow checking the
operation easily.
• When placing your order for the indicator equipped, AC-operated
model, add suffix "L" to the end of the model number.
Example:
Standard type:
ZC-Q2255
Indicator equipped type: ZC-Q2255-L
Contact Circuit
Note: If the wiring is as shown above, the operation of the respective parts will
be as shown in the following table. The neon lamp is not wired when the
Switch is delivered. Connect it as required.
(For DC)
• The DC-operated is provided with an LED indicator.
• There is no protective structure.
• Since a rectifier stack is incorporated into the unit to permit reversing
the polarity, this type can also operate on AC power source.
• The LED projects from the housing for easy visibility.
• When placing your order, add suffix "L2" or "L4" to the model number of the standard type.
Example:
Standard type:
ZC-Q2255
Indicator equipped type: ZC-Q2255-L2
Contact Circuit
Note: If the wiring is as shown above, the operation of the respective parts will
be as shown in the following table. The LED terminals are not wired when
the Switch is delivered. Connect it as required.
NC terminal
NO terminal
Contact
Neon lamp
Load
Actuator
NC
ON
Does not operate
Operates
OFF
Operates
Does not operate
NO
ON
Does not operate
Does not operate
OFF
Operates
Operates
Power supply
Neon lamp
R = 240 k
Built-in switch
Load
Power supply
Neon lamp
R = 240 k
Built-in switch
Load
Model
Voltage rating (V)
Leakage current
(mA)
Internal
resistance (k
Ω)
L2
12
Approx.2.4
4.3
L4
24
Approx.1.2
18
NC terminal
NO terminal
Contact
LED
Load
Actuator
NC
ON
Does not operate
Operates
OFF
Operates
Does not operate
NO
ON
Does not operate
Does not operate
OFF
Operates
Operates
Power supply
Built-in switch
Resistor
LED
Load
Power supply
Built-in switch
Resistor
LED
Load


Similar Part No. - ZC-Q2255

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZC-Q2255 OMRON-ZC-Q2255 Datasheet
272Kb / 7P
   Small, High-precision ENclosed Switch
More results

Similar Description - ZC-Q2255

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZC-W55 OMRON-ZC-W55 Datasheet
272Kb / 7P
   Small, High-precision ENclosed Switch
logo
Honeywell Solid State E...
8LS1 HONEYWELL-8LS1 Datasheet
60Kb / 1P
   SWITCH-ENCLOSED
BZE6-2RN HONEYWELL-BZE6-2RN Datasheet
39Kb / 1P
   SWITCH - ENCLOSED
logo
Omron Electronics LLC
SHL-Q2255 OMRON-SHL-Q2255 Datasheet
1Mb / 8P
   Enclosed Switch
logo
Honeywell Accelerometer...
LSD1A HONEYWELL-ACC-LSD1A Datasheet
729Kb / 10P
   SWITCH-ENCLOSED
logo
Honeywell Solid State E...
LSC2B HONEYWELL-LSC2B Datasheet
729Kb / 10P
   SWITCH - ENCLOSED
DTE6-2RN HONEYWELL-DTE6-2RN Datasheet
36Kb / 1P
   SWITCH-ENCLOSED
GLAD01A1B HONEYWELL-GLAD01A1B Datasheet
1Mb / 8P
   SWITCH, ENCLOSED
logo
Honeywell Accelerometer...
LSD5A HONEYWELL-ACC-LSD5A Datasheet
729Kb / 10P
   SWITCH - ENCLOSED
logo
Honeywell Solid State E...
1LS1-J HONEYWELL-1LS1-J Datasheet
53Kb / 1P
   SWITCH-ENCLOSED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com