Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZV-Q22-2 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # ZV-Q22-2
Description  Long Service Life and Large Breaking Power
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZV-Q22-2 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button ZV-Q22-2 Datasheet HTML 4Page - Omron Electronics LLC ZV-Q22-2 Datasheet HTML 5Page - Omron Electronics LLC ZV-Q22-2 Datasheet HTML 6Page - Omron Electronics LLC ZV-Q22-2 Datasheet HTML 7Page - Omron Electronics LLC ZV-Q22-2 Datasheet HTML 8Page - Omron Electronics LLC ZV-Q22-2 Datasheet HTML 9Page - Omron Electronics LLC ZV-Q22-2 Datasheet HTML 10Page - Omron Electronics LLC ZV-Q22-2 Datasheet HTML 11Page - Omron Electronics LLC ZV-Q22-2 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Enclosed Switches
ZE/ZV/XE/XV
F-127
25.4
±0.3
26.1
23
75
±0.2
5.5
31
±0.2
41.3
±0.2
5
54
36.6
10.5
±0.3
17
3
86
31
±0.2
PT
12.7 dia.
× 4.8 (see note 1)
Note: 1. Stainless steel roller
2. Only the ZV2-Q22-2 and
XV2-Q22-2 incorporate mount-
ing holes.
3. OP for ZV2-Q22-2 and
XV2-Q22-2 is 35.7
±1 mm.
Roller Plunger
ZV(2)-Q22-2, XV(2)-Q22-2
Two, 4.3
±0.2 dia. holes
OP (see note 3)
OP (see note 4)
53R
−0
Two, 5.4
+0.2dia. holes (see note 2)
JIS B0202 G1/2
Effective thread:
4 threads min.
t = 3 (ZV-Q22-2/XV-Q22-2 flange)
25.4
±0.3
26.1
23
75
±0.2
5.5
41.3
±0.2
5
54
36.6
10.5
±0.3
17
3
86
31
±0.2
41.3
±0.2
54
36.6
10.5
±0.3
3
25.4
±0.3
23
17
86
23.1 max.
39.7
30
±0.8
69.5
±0.8
19.3
PT
12.7 dia.
× 4.8 (see note 1)
Note: 1. Stainless steel roller
2. Only the ZV2-Q21-2 and XV2-Q21-2
incorporate mounting holes.
3. OP for ZV2-Q21-2 and XV2-Q21-2 is
35.7
±0.8 mm.
Crossroller Plunger
ZV(2)-Q21-2, XV(2)-Q21-2
Two, 4.3
±0.2 dia. holes
OP (see note 3)
OP (see note 4)
53R
−0
Two, 5.4
+0.2dia. holes (see note 2)
JIS B0202
G1/2
Effective
thread: 4
threads min.
Two, 4.3
±0.2 dia. holes
53R
Note: 1. Stainless sintered alloy roller
2. Adjustment between 0
° to 225°.
3. Only the ZV2-QA2-2 and XV2-QA2-2
incorporate mounting holes.
19.1 dia.
× 7.9 (see note 1)
−0
Two, 5.4
+0.2dia. holes (see note 3)
JIS B0202
G1/2
Effective
thread: 4
threads min.
23.1 max.
(See note 2)
Roller Arm Lever
ZV(2)-QA2-2, XV(2)-QA2-2
t = 3 (ZV-Q21-2/XV-Q21-2 flange)
t = 3 (ZV-QA2-2/XV-QA2-2 flange)


Similar Part No. - ZV-Q22-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZV-Q22-2S OMRON-ZV-Q22-2S Datasheet
1Mb / 11P
   General-purpose Enclosed Switches with High Breaking Capacity and High Durability
More results

Similar Description - ZV-Q22-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZE-N2G OMRON-ZE-N2G Datasheet
1Mb / 12P
   Long Service Life and Large Breaking Power
logo
CSB Battery Co., Ltd.
EVH12240 CSB-BATTERY-EVH12240_16 Datasheet
629Kb / 2P
   It has high cycling life, high and long service life.
EVH12390 CSB-BATTERY-EVH12390_16 Datasheet
840Kb / 2P
   It has high cycling life, high and long service life.
EVX12170 CSB-BATTERY-EVX12170_16 Datasheet
725Kb / 2P
   It has high cycling life, high and long service life.
EVX12260 CSB-BATTERY-EVX12260_16 Datasheet
831Kb / 2P
   It has high cycling life, high and long service life.
EVX12300 CSB-BATTERY-EVX12300_16 Datasheet
817Kb / 2P
   It has high cycling life, high and long service life.
EVX12200 CSB-BATTERY-EVX12200_16 Datasheet
740Kb / 2P
   It has high cycling life, high and long service life.
EVX12340 CSB-BATTERY-EVX12340_16 Datasheet
798Kb / 2P
   It has high cycling life, high and long service life.
EVH12150 CSB-BATTERY-EVH12150_14 Datasheet
702Kb / 2P
   It has high cycling life, high efficiency and long service life.
EVX12750 CSB-BATTERY-EVX12750_14 Datasheet
822Kb / 2P
   It has high cycling life, high efficiency and long service life.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com