Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F0822SJ020EC Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z8F0822SJ020EC
Description  High Performance 8-Bit Microcontrollers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0822SJ020EC Datasheet(HTML) 3 Page - Zilog, Inc.

  Z8F0822SJ020EC Datasheet HTML 1Page - Zilog, Inc. Z8F0822SJ020EC Datasheet HTML 2Page - Zilog, Inc. Z8F0822SJ020EC Datasheet HTML 3Page - Zilog, Inc. Z8F0822SJ020EC Datasheet HTML 4Page - Zilog, Inc. Z8F0822SJ020EC Datasheet HTML 5Page - Zilog, Inc. Z8F0822SJ020EC Datasheet HTML 6Page - Zilog, Inc. Z8F0822SJ020EC Datasheet HTML 7Page - Zilog, Inc. Z8F0822SJ020EC Datasheet HTML 8Page - Zilog, Inc. Z8F0822SJ020EC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PB011107-0204
PRELIMINARY
Z8 Encore! 8K Series
Product Brief
3
Architecture
Figure 1 illustrates the Z8 Encore!® 8K Series block diagram.
Figure 1. Z8 Encore!® 8K Series Block Diagram
POR/VBO
Reset Control
WDT with RC
Oscillator
2 x 16-Bit
Timer/PWM
5 Channel
10-Bit A/D
Converter
I2C
SPI
UART with IRDA
Interrupt
Controller
Register File
1KB x 8
eZ8
20MHz
CPU
Crystal/RC
Oscillator
On-Chip
Debugger
Flash
Program
Memory
8KB x 8
Port A
Port B
Port C


Similar Part No. - Z8F0822SJ020EC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F08200100KIT ZILOG-Z8F08200100KIT Datasheet
113Kb / 2P
   Terminal block inputs for some ADC channels on the Z8 Encore! MCU family
Z8F0823 ZILOG-Z8F0823 Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F082A ZILOG-Z8F082A Datasheet
155Kb / 2P
   Development Kit
Z8F082A28100KIT ZILOG-Z8F082A28100KIT Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F082AHH020EC ZILOG-Z8F082AHH020EC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
More results

Similar Description - Z8F0822SJ020EC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F0830HH020SG ZILOG-Z8F0830HH020SG Datasheet
1Mb / 257P
   High-Performance 8-Bit Microcontrollers
Z8X1621 ZILOG-Z8X1621 Datasheet
2Mb / 307P
   High Performance 8-Bit Microcontrollers
Z8F042ASJ020EG2156 ZILOG-Z8F042ASJ020EG2156 Datasheet
1Mb / 280P
   High-Performance 8-Bit Microcontrollers
Z8F082ASJ020EG ZILOG-Z8F082ASJ020EG Datasheet
1Mb / 282P
   High-Performance 8-Bit Microcontrollers
Z8F4822AR020SG ZILOG-Z8F4822AR020SG Datasheet
1Mb / 323P
   High Performance 8-Bit Microcontrollers
Z8F1680SH020SG ZILOG-Z8F1680SH020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com