Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZV2-N22-2 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # ZV2-N22-2
Description  Long Service Life and Large Breaking Power
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZV2-N22-2 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button ZV2-N22-2 Datasheet HTML 4Page - Omron Electronics LLC ZV2-N22-2 Datasheet HTML 5Page - Omron Electronics LLC ZV2-N22-2 Datasheet HTML 6Page - Omron Electronics LLC ZV2-N22-2 Datasheet HTML 7Page - Omron Electronics LLC ZV2-N22-2 Datasheet HTML 8Page - Omron Electronics LLC ZV2-N22-2 Datasheet HTML 9Page - Omron Electronics LLC ZV2-N22-2 Datasheet HTML 10Page - Omron Electronics LLC ZV2-N22-2 Datasheet HTML 11Page - Omron Electronics LLC ZV2-N22-2 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Enclosed Switches
ZE/ZV/XE/XV
F-129
25.4
±0.3
26.1
23
75
±0.2
5.5
41.3
±0.2
5
36.6
10.6
±0.3
3
86
31
±0.2
PT
54
53R
PT
12.7 dia.
× 4.8 (see note 1)
Note: 1. Stainless steel roller
2. Only the ZV2-N21-2 in-
corporate mounting holes.
3. OP for ZV2-N21-2 is 35.7
±0.8 mm.
Sealed Crossroller Plunger
ZV(2)-N21-2
Two, 4.3
±0.2 dia. holes
OP (see note 3)
OP (see note 4)
t = 3 (ZV flange)
−0
Two, 5.4
+0.2dia. holes (see note 2)
JIS B0202 G1/2
Effective thread: 4
threads min.
53R
17.4R
19.1 dia.
× 7.9 (see note 1)
Note: 1. Stainless steel roller
2. Adjustment between 0
° to 225°.
3. Only the ZV2-NA2-2 and XV2-NA2-2
incorporate mounting holes.
Sealed Roller Arm Lever
ZV(2)-NA2-2, XV(2)-NA2-2
Two, 4.3
±0.2 dia.
(See note 2)
t=3 (ZV-NA2-2/XV-NA2-2 flanges)
−0
Two, 5.4
+0.2dia. holes (see note 3)
JIS B0202 G1/2
Effective thread:
4 threads min.
One-way Action Sealed Roller Arm Lever
ZV(2)-NA277-2, XV(2)-NA277-2
18.7 dia.
× 9 (see note 1)
Two,
4.3
±0.2 dia.
t=3 (ZV-NA277-2/XV-NA277-2 flanges)
Operates in this direction only
(See note 2)
−0
Two, 5.4
+0.2dia. holes (see note 3)
Note: 1. Stainless steel roller
2. Adjustment between 0
° to 225°.
3. Only the ZV2-NA277-2 and
XV2-NA277-2 incorporate mounting
holes.
JIS B0202
G1/2
Effective
thread: 4
threads min.
53R


Similar Part No. - ZV2-N22-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZV2-N22-2 OMRON-ZV2-N22-2 Datasheet
1Mb / 11P
   General-purpose Enclosed Switches with High Breaking Capacity and High Durability
ZV2-N22-2S OMRON-ZV2-N22-2S Datasheet
1Mb / 11P
   General-purpose Enclosed Switches with High Breaking Capacity and High Durability
More results

Similar Description - ZV2-N22-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZE-N2G OMRON-ZE-N2G Datasheet
1Mb / 12P
   Long Service Life and Large Breaking Power
logo
CSB Battery Co., Ltd.
EVH12240 CSB-BATTERY-EVH12240_16 Datasheet
629Kb / 2P
   It has high cycling life, high and long service life.
EVH12390 CSB-BATTERY-EVH12390_16 Datasheet
840Kb / 2P
   It has high cycling life, high and long service life.
EVX12170 CSB-BATTERY-EVX12170_16 Datasheet
725Kb / 2P
   It has high cycling life, high and long service life.
EVX12260 CSB-BATTERY-EVX12260_16 Datasheet
831Kb / 2P
   It has high cycling life, high and long service life.
EVX12300 CSB-BATTERY-EVX12300_16 Datasheet
817Kb / 2P
   It has high cycling life, high and long service life.
EVX12200 CSB-BATTERY-EVX12200_16 Datasheet
740Kb / 2P
   It has high cycling life, high and long service life.
EVX12340 CSB-BATTERY-EVX12340_16 Datasheet
798Kb / 2P
   It has high cycling life, high and long service life.
EVH12150 CSB-BATTERY-EVH12150_14 Datasheet
702Kb / 2P
   It has high cycling life, high efficiency and long service life.
EVX12750 CSB-BATTERY-EVX12750_14 Datasheet
822Kb / 2P
   It has high cycling life, high efficiency and long service life.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com