Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XV2-QA2-2 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # XV2-QA2-2
Description  Long Service Life and Large Breaking Power
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XV2-QA2-2 Datasheet(HTML) 5 Page - Omron Electronics LLC

  XV2-QA2-2 Datasheet HTML 1Page - Omron Electronics LLC XV2-QA2-2 Datasheet HTML 2Page - Omron Electronics LLC XV2-QA2-2 Datasheet HTML 3Page - Omron Electronics LLC XV2-QA2-2 Datasheet HTML 4Page - Omron Electronics LLC XV2-QA2-2 Datasheet HTML 5Page - Omron Electronics LLC XV2-QA2-2 Datasheet HTML 6Page - Omron Electronics LLC XV2-QA2-2 Datasheet HTML 7Page - Omron Electronics LLC XV2-QA2-2 Datasheet HTML 8Page - Omron Electronics LLC XV2-QA2-2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Enclosed Switches
ZE/ZV/XE/XV
F-123
■ Contact Form
Engineering Data
■ Electrical Durability
COM
NC
NO
ZE-
@, ZV-@, ZV2-@
XE-
@, XV-@, XV2-@
COM
NC
NO
EN60947-5-1
Note:
With the XE-
@, XV-@, and
XV2-
@, be sure to connect
COM to the + terminal.
ZE (cos
φ = 1)
Operating frequency:
20 operations/min
OT: Full stroke
Operating frequency:
20 operations/min
OT: Full stroke
Operating frequency:
20 operations/min
OT: Full stroke
Operating frequency:
20 operations/min
OT: Full stroke
Switching current (A)
Switching current (A)
Switching current (A)
Switching current (A)
ZE (cos
φ = 0.4)
XE (L/R = 7 ms)
XE (L/R = 0)
480 VAC
125 VAC
250 VAC
125 VAC
125 VDC
125 VDC
250 VAC
250 VDC
250 VDC
480 VAC


Similar Part No. - XV2-QA2-2

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
XV26D0UDJ ZHAOXINGWEI-XV26D0UDJ Datasheet
740Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - XV2-QA2-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZE-N2G OMRON-ZE-N2G Datasheet
1Mb / 12P
   Long Service Life and Large Breaking Power
logo
CSB Battery Co., Ltd.
EVH12240 CSB-BATTERY-EVH12240_16 Datasheet
629Kb / 2P
   It has high cycling life, high and long service life.
EVH12390 CSB-BATTERY-EVH12390_16 Datasheet
840Kb / 2P
   It has high cycling life, high and long service life.
EVX12170 CSB-BATTERY-EVX12170_16 Datasheet
725Kb / 2P
   It has high cycling life, high and long service life.
EVX12260 CSB-BATTERY-EVX12260_16 Datasheet
831Kb / 2P
   It has high cycling life, high and long service life.
EVX12300 CSB-BATTERY-EVX12300_16 Datasheet
817Kb / 2P
   It has high cycling life, high and long service life.
EVX12200 CSB-BATTERY-EVX12200_16 Datasheet
740Kb / 2P
   It has high cycling life, high and long service life.
EVX12340 CSB-BATTERY-EVX12340_16 Datasheet
798Kb / 2P
   It has high cycling life, high and long service life.
EVH12150 CSB-BATTERY-EVH12150_14 Datasheet
702Kb / 2P
   It has high cycling life, high efficiency and long service life.
EVX12750 CSB-BATTERY-EVX12750_14 Datasheet
822Kb / 2P
   It has high cycling life, high efficiency and long service life.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com