Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZDD50S-OL2 Datasheet(PDF) 1 Page - ITT Industries

Part # ZDD50S-OL2
Description  Straight Solder Terminiation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ZDD50S-OL2 Datasheet(HTML) 1 Page - ITT Industries

  ZDD50S-OL2 Datasheet HTML 1Page - ITT Industries ZDD50S-OL2 Datasheet HTML 2Page - ITT Industries ZDD50S-OL2 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
3
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94V-0 None (color: dark green)
Contact
Socket: Copper Alloy
Gold over Nickel. Terminating
end Tin (Socket)
Hardware
Steel/Copper Alloy
Tin/Zinc
Specifications
Temperature Rating
−55°C to 125°C
Current Rating 5 A
Contact Resistance 10 m
Dielectric Withstanding
Voltage 1250 VAC at Sea Level
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94-0
None (color: black)
Contacts
Copper Alloy
Gold over Nickel
Hardware
Steel/Copper Alloy
Tin/Zinc
Specifications
Temperature Rating
−55°C to 105°C
Current Rating 5 A
Contact Resistance 15 m
Dielectric Withstanding
Voltage 1000 VAC at Sea Level
D Subminiature
Straight PCB Selection Guide
Specifications
Current Rating 5 A / 25
°C, 3.5 A / 70°C ambient
Temperature Rating
−55°C to 125°C
Contact Resistance 10 m
Test Voltage 1200 Vrms at Sea Level
X Plated Through Hole 1,09 - 0,94 (.043 - .037)
PC Tail Press-in Force 100N/contact max.
PC Tail Push-out Force 30N/contact min.
PC Board Thickness 3,20 - 1,60 (.125 - .062)
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94V-0 None (color: black)
Contact
Copper Alloy
Gold over Nickel (Standard)
or Gold over PdNi (-408)
Hardware
Steel/Copper Alloy
Tin/Zinc
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94V-0 None (color: dark green)
Contact
Copper Alloy
Gold over Nickel. Terminating
end Tin (Socket only)
Hardware
Steel/Copper Alloy
Tin/Zinc
Specifications
Temperature Rating
−55°C to 125°C
Current Rating 7.5 A
Contact Resistance 55 millivolt max at 7.5 A test current
Dielectric Withstanding
Voltage 1000 VAC at Sea Level
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94V-0 None (color: dark green)
Contacts
Copper Alloy
Gold over Nickel in mating area,
Tin on balance
Hardware
Steel/Copper Alloy
Tin/Zinc
Specifications
Temperature Rating
−55°C to 125°C
Current Rating 5 A
Contact Resistance 10 m
Dielectric Withstanding
Voltage 1250 VAC at Sea Level


Similar Part No. - ZDD50S-OL2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZDD50S-OL2 ITT-ZDD50S-OL2 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - ZDD50S-OL2

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
163A16259X CONEC-163A16259X Datasheet
186Kb / 1P
   9pos. SOLDER PIN STRAIGHT
163A16269X CONEC-163A16269X Datasheet
149Kb / 1P
   15pos. SOLDER PIN STRAIGHT
163A16349X CONEC-163A16349X Datasheet
417Kb / 1P
   50pos. SOLDER PIN STRAIGHT
163A16159X CONEC-163A16159X Datasheet
181Kb / 1P
   9pos. SOLDER PIN STRAIGHT
logo
Tyco Electronics
1-1337652-0 MACOM-1-1337652-0 Datasheet
88Kb / 1P
   UHF STRAIGHT JACK SOLDER
logo
CONEC Elektronische Bau...
163A16169X CONEC-163A16169X Datasheet
168Kb / 1P
   15pos. SOLDER PIN STRAIGHt
163A16179X CONEC-163A16179X Datasheet
316Kb / 2P
   25pos. SOLDER PIN STRAIGHT
163A16239X CONEC-163A16239X Datasheet
422Kb / 2P
   37pos. SOLDER PIN STRAIGHT
163A16229X CONEC-163A16229X Datasheet
325Kb / 2P
   25pos. SOLDER PIN STRAIGHT
logo
DDK Ltd.
57GE DDK-57GE Datasheet
239Kb / 5P
   Straight Solder DIP Termination Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com