Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZEN-10C2DT-D-V2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # ZEN-10C2DT-D-V2
Description  Programmable Relay
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZEN-10C2DT-D-V2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  ZEN-10C2DT-D-V2 Datasheet HTML 1Page - Omron Electronics LLC ZEN-10C2DT-D-V2 Datasheet HTML 2Page - Omron Electronics LLC ZEN-10C2DT-D-V2 Datasheet HTML 3Page - Omron Electronics LLC ZEN-10C2DT-D-V2 Datasheet HTML 4Page - Omron Electronics LLC ZEN-10C2DT-D-V2 Datasheet HTML 5Page - Omron Electronics LLC ZEN-10C2DT-D-V2 Datasheet HTML 6Page - Omron Electronics LLC ZEN-10C2DT-D-V2 Datasheet HTML 7Page - Omron Electronics LLC ZEN-10C2DT-D-V2 Datasheet HTML 8Page - Omron Electronics LLC ZEN-10C2DT-D-V2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Programmable Relay
ZEN V2 Units
3
■ Series Configuration
CPU Units
Power supply voltage: 100 to 240 VAC, 12 to 24 VDC, Output: Relay, transistor output
With LCD display, operation buttons, and calendar/clock function
LED type
10 I/O points
Standard LCD type
Economy type
Standard LCD type
Economy type
Communications type
20 I/O points
10 I/O points
20 I/O points
ZEN-10C1
@
ZEN-10C3
@
ZEN-10C4
@
ZEN-20C1
@
ZEN-20C3
@
ZEN-10C2
@
(10 I/O points)
ZEN-20C2
@
This CPU Unit has no LCD,
operation buttons, or
calendar/clock function.
Expansion I/O Units
cannot be connected.
Expansion I/O Units
cannot be connected.
RS-485 communications
type.
Expansion I/O Units
Only 35-mm wide.
4 input, 4 output points
Power Supply Unit
Same shape and design as ZEN.
24 VDC, 30 W
Support Software
Allows easy programming and
operation simulation.


Similar Part No. - ZEN-10C2DT-D-V2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZEN-10C2DT-D-V2 OMRON-ZEN-10C2DT-D-V2 Datasheet
1Mb / 37P
   Programmable Relay ZEN V2 Units
More results

Similar Description - ZEN-10C2DT-D-V2

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50P-1304 JFW-50P-1304 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1633 JFW-50P-1633 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-089 JFW-75P-089 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-542 JFW-50P-542 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-847 JFW-50P-847 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-022+12 JFW-75P-022+12 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-2033 JFW-50P-2033 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1224 JFW-50P-1224 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1978 JFW-50P-1978 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1208 JFW-50P-1208_18 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com