Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZEN-10C1DT-D-V2 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # ZEN-10C1DT-D-V2
Description  Programmable Relay
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZEN-10C1DT-D-V2 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button ZEN-10C1DT-D-V2 Datasheet HTML 4Page - Omron Electronics LLC ZEN-10C1DT-D-V2 Datasheet HTML 5Page - Omron Electronics LLC ZEN-10C1DT-D-V2 Datasheet HTML 6Page - Omron Electronics LLC ZEN-10C1DT-D-V2 Datasheet HTML 7Page - Omron Electronics LLC ZEN-10C1DT-D-V2 Datasheet HTML 8Page - Omron Electronics LLC ZEN-10C1DT-D-V2 Datasheet HTML 9Page - Omron Electronics LLC ZEN-10C1DT-D-V2 Datasheet HTML 10Page - Omron Electronics LLC ZEN-10C1DT-D-V2 Datasheet HTML 11Page - Omron Electronics LLC ZEN-10C1DT-D-V2 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
Programmable Relay
ZEN V2 Units
■ Characteristics
Note: 1. Up to 34 points for CPU Units with 10 I/O points. With Communications-type CPU Units, however, the CPU Unit has 6 inputs and 3 outputs, for a maximum
of 33 I/O points.
2. Not provided for LED-type CPU Unit without display (i.e., ZEN-
@C2@@-@-V2 models).
■ Communications Specifications (Communications-type CPU Units)
Item
Specification
Control method
Stored program control
I/O control method
Cyclic scan
Programming language
Ladder diagram
Program capacity
96 lines (3 input conditions and 1 output per line)
Max. No. of control I/O points
44 points (See note 1.)
CPU Units with 20 I/O points: 12 inputs and 8 outputs
Expansion I/O Units: 4 inputs and 4 outputs each, up to 3 Units.
LCD display (See note 2.)
12 characters
× 4 lines, with backlight
Operation buttons (See note 2.) 8 (4 cursor buttons and 4 operation buttons)
User program backup
Internal EEPROM, Memory Cassette (optional)
Power interruption hold
Internal holding bit status, holding timer/counter present values, calendar and clock (year, month, day of month,
day of week, time)
• Super capacitor backup time: 2 days min. (25
°C)
• Life of optional battery:
10 years min. (25
°C)
Calendar and clock function
(See note 2.)
Accuracy:
±15 s/month (at 25°C)
Timer accuracy
0.01 s unit:
−0.05% −10 ms max. (rate for set value)
min/s unit:
−0.05% −1 s max. (rate for set value)
h/min unit:
−0.05% −1 min max. (rate for set value)
Maximum counting speed
150 Hz: 8-Digit counter (F) set to high-speed operations (CPU Units with DC power supplies only)
(The counting speed may be less than 150 Hz depending on the cycle time of the program. See page 21.)
Insulation resistance
20 M
Ω (at 500 VDC) min.:
Between power supply terminals and all output terminals.
Between terminals of different output circuits.
Between all terminals of CPU Unit and all terminals of Expansion I/O Unit.
Insulation
• Reinforced insulation
Between power supply or input terminals and output terminals.
Between terminals of different output circuits.
Between all terminals of CPU Unit and all terminals of Expansion I/O Unit.
• No separation
Between power supply and input terminals of the same unit.
Between power supply terminals of CPU Unit and computer connector,
Battery Unit connector, or all Expansion Unit connectors (all interfaces are live parts).
Dielectric strength
2,300 VAC, 50/60 Hz for 1 min (leakage current 1 mA max.):
Between power supply terminals and all output terminals.
Between terminals of different output circuit.
Between all terminals of CPU Unit and all terminals of Expansion I/O Unit.
Vibration resistance
Conforms to IEC60068-2-6, 5 to 9 Hz with 3.5-mm single amplitude, 9 to 150 Hz acceleration 9.8 m/s2,
10 sweeps each in X, Y, and Z directions (1 octave/min)
Shock resistance
Conforms to IEC60068-2-27, 147 m/s2, 3 times each in X, Y, and Z directions.
Weight
CPU Unit with 10 I/O points: Approx. 300 g max.
CPU Unit with 20 I/O points: Approx. 350 g max.
Expansion I/O Unit:
Approx. 120 g max.
Item
ZEN-10C4
@R-@-V2
Communications
RS-485 (two-wire, half duplex)
Synchronization method
Start-stop synchronization
Baud rate
4800, 9600, or 19200 bps
Transmission code
ASCII
Data bit length
7 or 8 bits
Stop bit length
1 or 2 bits
Error detection
Vertical parity (none, even, odd), Block check character (BCC)
Flow control
None
Interface
RS-485
Retry function
None
Node number
0 to 99 (default: 1), XX (broadcasting)


Similar Part No. - ZEN-10C1DT-D-V2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZEN-10C1DT-D-V2 OMRON-ZEN-10C1DT-D-V2 Datasheet
1Mb / 37P
   Programmable Relay ZEN V2 Units
More results

Similar Description - ZEN-10C1DT-D-V2

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50P-1304 JFW-50P-1304 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1633 JFW-50P-1633 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-089 JFW-75P-089 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-542 JFW-50P-542 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-847 JFW-50P-847 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-022+12 JFW-75P-022+12 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-2033 JFW-50P-2033 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1224 JFW-50P-1224 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1978 JFW-50P-1978 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1208 JFW-50P-1208_18 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com