Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZEN-10C1AR-A-V2 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # ZEN-10C1AR-A-V2
Description  Programmable Relay
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZEN-10C1AR-A-V2 Datasheet(HTML) 5 Page - Omron Electronics LLC

  ZEN-10C1AR-A-V2 Datasheet HTML 1Page - Omron Electronics LLC ZEN-10C1AR-A-V2 Datasheet HTML 2Page - Omron Electronics LLC ZEN-10C1AR-A-V2 Datasheet HTML 3Page - Omron Electronics LLC ZEN-10C1AR-A-V2 Datasheet HTML 4Page - Omron Electronics LLC ZEN-10C1AR-A-V2 Datasheet HTML 5Page - Omron Electronics LLC ZEN-10C1AR-A-V2 Datasheet HTML 6Page - Omron Electronics LLC ZEN-10C1AR-A-V2 Datasheet HTML 7Page - Omron Electronics LLC ZEN-10C1AR-A-V2 Datasheet HTML 8Page - Omron Electronics LLC ZEN-10C1AR-A-V2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Programmable Relay
ZEN V2 Units
5
Ordering Information
■ List of Models
CPU Units and Expansion I/O Units
Note: 1. Programming is not possible using only the CPU in the LED-type CPU Unit. ZEN Support Software or a Memory Cassette is required.
2. Cannot be connected to pre-V1 and V1 CPU Units.
3. The ZEN-8E1AR cannot be connected to a CPU Unit with DC power supply.
Power Supply Unit
Note: Refer to the ZEN-PA03024 Datasheet (Cat. No. L103) for detailed specifications.
Unit
Name
No. of
I/O
points
LCD
display
Power supply
voltage
Inputs
Outputs
Buttons,
calendar,
and clock
Analog
input
Model
CPU
Units
Standard
LCD type
10
Yes
100 to 240 VAC
6
100 to 240 VAC
4
Relays
Yes
No
ZEN-10C1AR-A-V2
12 to 24 VDC
12 to 24 VDC
Yes
ZEN-10C1DR-D-V2
Transistors
ZEN-10C1DT-D-V2
20
100 to 240 VAC
12
100 to 240 VAC
8
Relays
No
ZEN-20C1AR-A-V2
12 to 24 VDC
12 to 24 VDC
Yes
ZEN-20C1DR-D-V2
Transistors
ZEN-20C1DT-D-V2
LED type
without
display
(See note 1.)
10
No
100 to 240 VAC
6
100 to 240 VAC
4
Relays
No
No
ZEN-10C2AR-A-V2
12 to 24 VDC
12 to 24 VDC
Yes
ZEN-10C2DR-D-V2
Transistors
ZEN-10C2DT-D-V2
20
100 to 240 VAC
12
100 to 240V AC
8
Relays
No
ZEN-20C2AR-A-V2
12 to 24 VDC
12 to 24 VDC
Yes
ZEN-20C2DR-D-V2
Transistors
ZEN-20C2DT-D-V2
Economy
type
(Expansion
I/O Units
cannot be
connected)
10
Yes
100 to 240 VAC
6
100 to 240 VAC
4
Relays
Yes
No
ZEN-10C3AR-A-V2
12 to 24 VDC
12 to 24 VDC
Yes
ZEN-10C3DR-D-V2
20
100 to 240 VAC
12
100 to 240 VAC
8
Relays
No
ZEN-20C3AR-A-V2
12 to 24 VDC
12 to 24 VDC
Yes
ZEN-20C3DR-D-V2
Communica-
tions type
10
100 to 240 VAC
6
100 to 240 VAC
3
Relays
No
ZEN-10C4AR-A-V2
12 to 24 VDC
12 to 24 VDC
Yes
ZEN-10C4DR-D-V2
ZEN Kit
Set containing CPU Unit (ZEN-10C1AR-A-V2), Connecting Cable, ZEN Support Software, and manual.
ZEN-KIT01-EV4
Set containing CPU Unit (ZEN-10C1DR-D-V2), Connecting Cable, ZEN Support Software, and manual.
ZEN-KIT02-EV4
Expansion I/O Units
8
---
100 to 240 VAC
4
100 to 240 VAC
4
Relays
---
ZEN-8E1AR
(See notes 2, 3.)
12 to 24 VDC
12 to 24 VDC
ZEN-8E1DR
(See note 2.)
---
Transistors
ZEN-8E1DT
(See note 2.)
Power ratings
Input voltage
Output voltage
Output current
Model
30 W
100 to 240 VAC
24 VDC
1.3 A
ZEN-PA03024


Similar Part No. - ZEN-10C1AR-A-V2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZEN-10C1AR-A-V2 OMRON-ZEN-10C1AR-A-V2 Datasheet
1Mb / 37P
   Programmable Relay ZEN V2 Units
More results

Similar Description - ZEN-10C1AR-A-V2

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50P-1304 JFW-50P-1304 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1633 JFW-50P-1633 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-089 JFW-75P-089 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-542 JFW-50P-542 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-847 JFW-50P-847 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-022+12 JFW-75P-022+12 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-2033 JFW-50P-2033 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1224 JFW-50P-1224 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1978 JFW-50P-1978 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1208 JFW-50P-1208_18 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com