Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7328-3 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7328-3
Description  3 dB Fixed Attenuator, 7/16 DIN Female To SMA Male Directional Rated To 50 Watts Up To 7.5 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7328-3 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7328-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7328-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7328-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
3 dB Fixed Attenuator, 7/16 DIN Female To SMA Male Directional Rated To 50 Watts Up To 7.5 GHz
Configuration
Design
Fixed, Directional Attenuator
Connector 1
7/16 DIN Female
Connector 2
SMA Male
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 7.5
Impedance, Ohms
50
Attenuation Value, dB
3
Maximum Input Power, Watts
50
Maximum VSWR
1.45:1
Frequency 1
Range, GHz
DC to 6
VSWR
1.3:1
Attenuation Accuracy, dB
0.75
Frequency 2
Range, GHz
6 to 7.5
VSWR
1.45:1
Attenuation Accuracy, dB
0.75
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
4.01 [101.85]
Width, in [mm]
3 [76.2]
Height, in [mm]
3 [76.2]
.
Weight, lbs [g]
1.796 [814.65]
Connector 1
Type
7/16 DIN Female
Contact Material and Plating
Brass, Silver
Hex Size, In.
11/16
Body Material and Plating
Brass, Silver
3 dB Fixed Attenuator, 7/16 DIN Female To SMA Male
Directional Rated To 50 Watts Up To 7.5 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB Fixed Attenuator, 7/16 DIN Female To SMA Male Directional Rated To 50 Watts Up To
7.5 GHz PE7328-3
PE7328-3
PE7328-3 REV NC


Similar Part No. - PE7328-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7328-30 PASTERNACK-PE7328-30 Datasheet
351Kb / 3P
   30 dB Fixed Attenuator, 7/16 DIN Female To SMA Male Directional Rated To 50 Watts Up To 7.5 GHz
More results

Similar Description - PE7328-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7332-3 PASTERNACK-PE7332-3 Datasheet
351Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Male To SMA Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7328-50 PASTERNACK-PE7328-50 Datasheet
351Kb / 3P
   50 dB Fixed Attenuator, 7/16 DIN Female To SMA Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7332-50 PASTERNACK-PE7332-50 Datasheet
351Kb / 3P
   50 dB Fixed Attenuator, 7/16 DIN Male To SMA Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7312-3 PASTERNACK-PE7312-3 Datasheet
350Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7310-3 PASTERNACK-PE7310-3 Datasheet
349Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7332-6 PASTERNACK-PE7332-6 Datasheet
351Kb / 3P
   6 dB Fixed Attenuator, 7/16 DIN Male To SMA Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7328-40 PASTERNACK-PE7328-40 Datasheet
351Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Female To SMA Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7328-20 PASTERNACK-PE7328-20 Datasheet
351Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Female To SMA Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7328-30 PASTERNACK-PE7328-30 Datasheet
351Kb / 3P
   30 dB Fixed Attenuator, 7/16 DIN Female To SMA Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7332-20 PASTERNACK-PE7332-20 Datasheet
351Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Male To SMA Female Directional Rated To 50 Watts Up To 7.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com