Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2961666651 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 2961666651
Description  61 WOUND BEAD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2961666651 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  2961666651 Datasheet HTML 1Page - Fair-Rite Products Corp. 2961666651 Datasheet HTML 2Page - Fair-Rite Products Corp. 2961666651 Datasheet HTML 3Page - Fair-Rite Products Corp. 2961666651 Datasheet HTML 4Page - Fair-Rite Products Corp. 2961666651 Datasheet HTML 5Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Fair-Rite Products Corp. PO Box J,One Commercial Row, Wallkill, NY 12589-0288
Phone: (888) 324-7748 www.fair-rite.com
Fair-Rite Product's Catalog
Part Data Sheet, 2961666651
Printed: 2010-11-09
Part Number:
2961666651
Frequency Range: Higher Frequencies 50-500 MHz (61 material)
Description:
61 WOUND BEAD
Application:
Suppression Components
Where Used:
Board Component
Part Type:
Wound Beads
Preferred Part:
Mechanical Specifications
Weight:
1.300
(g)
Part Type Information
Six and eleven hole beads, in two NiZn materials, are available both as beads (product class 26) and wound with tinned copper
wire in several winding configurations (product class 29).
-Parts with a '1' as the last digit of the part number are supplied bulk packed. Wound beads with part numbers 29--666631 and
29--666651 can be supplied radially taped and reeled per IEC 60286-1 and EIA 468-B standards. For these taped and reeled
wound beads the last digit of the part number is a '4'. Taped and reeled wound beads are supplied 500 pieces on a 13'' reel.
-Wire used for winding is oxygen free high conductivity copper with a lead-free tin plating.
-Beads are controlled for impedance limits only. The impedances listed are typical values. Minimum impedance values are
specified for the + marked frequencies. The minimum guaranteed impedance is the listed impedance less 20%. The 44 material
beads and wound beads are tested on the 4193A Vector Impedance Meter. The 61 material parts on the 4191A RF Impedance
Analyzer.
-Recommended storage temperature and operating temperature is -55°C to 125°C
-For any wound bead requirement not listed in here, please contact our customer service group for
availability and pricing.
-Explanation of Part Numbers: Digits 1&2 = product class, 3&4 = material grade and last digit 1 = bulk packed, 4 = taped and
reeled.


Similar Part No. - 2961666651

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2961666651 FAIR-RITE-2961666651 Datasheet
632Kb / 2P
   Wound Beads
2961666651 FAIR-RITE-2961666651_18 Datasheet
632Kb / 2P
   Wound Beads
More results

Similar Description - 2961666651

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2961666631 FAIR-RITE-2961666631 Datasheet
642Kb / 5P
   61 WOUND BEAD
2961666681 FAIR-RITE-2961666681 Datasheet
647Kb / 5P
   61 WOUND BEAD
2961666634 FAIR-RITE-2961666634 Datasheet
598Kb / 5P
   61 WOUND BEAD
2961666671 FAIR-RITE-2961666671 Datasheet
644Kb / 5P
   61 WOUND BEAD
2961666654 FAIR-RITE-2961666654 Datasheet
596Kb / 5P
   61 WOUND BEAD
2961666661 FAIR-RITE-2961666661 Datasheet
645Kb / 5P
   61 WOUND BEAD
2761004111 FAIR-RITE-2761004111 Datasheet
582Kb / 5P
   61 BEAD ON LEAD
2761001111 FAIR-RITE-2761001111 Datasheet
582Kb / 5P
   61 BEAD ON LEAD
2761001112 FAIR-RITE-2761001112 Datasheet
613Kb / 5P
   61 BEAD ON LEAD
2761002112 FAIR-RITE-2761002112 Datasheet
621Kb / 5P
   61 BEAD ON LEAD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com