Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT02PC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACT02PC
Description  Quad 2-Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT02PC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACT02PC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS009912
www.fairchildsemi.com
November 1988
Revised February 2005
74AC02•74ACT02
Quad 2-Input NOR Gate
General Description
The AC02/ACT02 contains four, 2-input NOR gates.
Features
s ICC reduced by 50% on 74AC02 only
s Outputs source/sink 24 mA
s ACT02 has TTL-compatible inputs
Ordering Codes:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code. (PC not available in Tape and Reel.)
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package
Package Description
Number
74AC02SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74AC02SCX_NL
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74AC02SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC02MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC02PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74ACT02SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ACT02MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT02PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
An, Bn
Inputs
On
Outputs


Similar Part No. - 74ACT02PC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT02 STMICROELECTRONICS-74ACT02 Datasheet
190Kb / 8P
   QUAD 2-INPUT NOR GATE
74ACT02B STMICROELECTRONICS-74ACT02B Datasheet
190Kb / 8P
   QUAD 2-INPUT NOR GATE
74ACT02M STMICROELECTRONICS-74ACT02M Datasheet
190Kb / 8P
   QUAD 2-INPUT NOR GATE
74ACT02MTR STMICROELECTRONICS-74ACT02MTR Datasheet
190Kb / 8P
   QUAD 2-INPUT NOR GATE
74ACT02TTR STMICROELECTRONICS-74ACT02TTR Datasheet
190Kb / 8P
   QUAD 2-INPUT NOR GATE
More results

Similar Description - 74ACT02PC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com