Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMD63C02X Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZXMD63C02X
Description  20V Dual N and P-Channel Enhancement Mode Mosfet
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMD63C02X Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZXMD63C02X Datasheet HTML 3Page - Diodes Incorporated ZXMD63C02X Datasheet HTML 4Page - Diodes Incorporated ZXMD63C02X Datasheet HTML 5Page - Diodes Incorporated ZXMD63C02X Datasheet HTML 6Page - Diodes Incorporated ZXMD63C02X Datasheet HTML 7Page - Diodes Incorporated ZXMD63C02X Datasheet HTML 8Page - Diodes Incorporated ZXMD63C02X Datasheet HTML 9Page - Diodes Incorporated ZXMD63C02X Datasheet HTML 10Page - Diodes Incorporated ZXMD63C02X Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ZXMD63C02X
D
e X 6
L
C
1
23
4
5
6
7
8
θ°
B
Conforms to JEDEC MO-187 Iss A
PACKAGE DIMENSIONS
DIM
Millimetres
Inches
MIN
MAX
MIN
MAX
A
1.10
0.043
A1
0.05
0.15
0.002
0.006
B
0.25
0.40
0.010
0.016
C
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
e
0.65
BSC
0.0256
BSC
E
2.90
3.10
0.114
0.122
H
4.90
BSC
0.193
BSC
L
0.40
0.70
0.016
0.028
PAD LAYOUT DETAILS
12
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
©Zetex plc 1999
Telefon: (49) 89 45 49 49 0
Telephone: (516) 543-7100
Telephone:(852) 26100 611
Fax: (49) 89 45 49 49 49
Fax: (516) 864-7630
Fax: (852) 24250 494
Internet:http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any
purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the
right to alter without notice the specification, design, price or conditions of supply of any product or service.
PROVISIONAL ISSUE A - JUNE 1999


Similar Part No. - ZXMD63C02X

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63C02X ZETEX-ZXMD63C02X Datasheet
322Kb / 11P
   20V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63C02XTA ZETEX-ZXMD63C02XTA Datasheet
322Kb / 11P
   20V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63C02XTC ZETEX-ZXMD63C02XTC Datasheet
322Kb / 11P
   20V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMD63C02X

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63C02X ZETEX-ZXMD63C02X Datasheet
322Kb / 11P
   20V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD65P02N8 ZETEX-ZXMD65P02N8_04 Datasheet
54Kb / 4P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TECH PUBLIC Electronics...
FDY1002PZ TECHPUBLIC-FDY1002PZ Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMD65P02N8 ZETEX-ZXMD65P02N8 Datasheet
65Kb / 4P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63P02X DIODES-ZXMD63P02X_15 Datasheet
210Kb / 7P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TECH PUBLIC Electronics...
NTZD3152PT1G TECHPUBLIC-NTZD3152PT1G Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET‘
logo
Diodes Incorporated
ZXMD63P02X DIODES-ZXMD63P02X Datasheet
210Kb / 7P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TECH PUBLIC Electronics...
TPM2299EX6 TECHPUBLIC-TPM2299EX6 Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMD63P02X ZETEX-ZXMD63P02X Datasheet
208Kb / 7P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM7104D TSC-TSM7104D Datasheet
135Kb / 3P
   20V Dual P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com