Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1437592-8 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 2-1437592-8
Description  The Gemini Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1437592-8 Datasheet(HTML) 3 Page - Tyco Electronics

  2-1437592-8 Datasheet HTML 1Page - Tyco Electronics 2-1437592-8 Datasheet HTML 2Page - Tyco Electronics 2-1437592-8 Datasheet HTML 3Page - Tyco Electronics 2-1437592-8 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
E20
E
AUGAT Inc.
452 John L. Dietsch Blvd.
Attleboro Falls, MA 02763 USA
(508) 699-9800 FAX (800) 533-2526
Z
Quick Connect
Wire Wrap
W3
"A"
W
.750
W1
.964
W3
.425
W4
1.062
W5
1.305
Printed Circuit
W
W1
W4
W5
C
Z3
Wire Lug
"AE" Series Washable Rockers/Paddles
NOTE: Terminal numbers viewed from top of P.C. board.
NOTE: Terminal numbers viewed from top of P.C. board.
TERMINALS
The Gemini Series
Right Angle
Single Pole
A
Right Angle
Double Pole
Vertical
Right Angle
AV2
Vertical
Right Angle
Single Pole
Vertical Right Angle
Double Pole
V5
.270
(6.86)
.100
(2.54)
.030
(.762)
.050
(1.27)
.050
(1.27)
TYP.
.014
(.356)
.235
(5.97)
.108
(2.74)
.500
(12.70)
.014
(.356)
TYP.
.450
(11.43)
.500
(12.70)
.050
(1.27)
.150
(3.81)
.500
(12.7)
.200
(5.08)
.190
(4.83)
.073
(1.85)
TYP.
.073
(1.85)
DIA.
TYP.
.150
(3.81)
TYP.
.500
(12.7)
.200
(5.08)
.190
(4.83)
EPOXY SEAL
.078
(1.98)
.078
(1.98)
.047
(1.19)
EPOXY
SEALED
.155
(3.94)
.080
(2.03)
.080 x .030 THK.
(2.03) (.762)
EPOXY
SEALED
.250
(6.35)
.062
(1.57)
.030
(.762)
THK.
.062 x .030 THK.
(.157) (.762)
EPOXY
SEALED
“A”
.050
(1.27)
.050 x .030 THK.
(.127) (.762)
EPOXY
SEALED
.050
(1.27)
.190
(4.83)
.189
(4.80)
.250
(6.35)
.185
(4.70)
TYP.
.073
(1.85)
1
2
3
.073
(1.85)
DIA. TYP.
6
5
4
.185
(4.70) 3
2
1
.050 x .030 THK.
(1.27) (.762)
.048
(1.22)
TYP.
.200
(5.08)
.500
(12.70)
.450
(11.43)
.048
(1.22)
TYP.
.200
(5.08)
EPOXY
SEAL
.062
(1.58)
.169
(4.29)
.016
(4.06)
.050
(1.27)
TYP.
.030
(.762)
TYP.
.185
(4.70)
TYP.
.125
(3.18)
.030
(.762)
TYP.
.185
(4.70)
TYP.
.125
(3.18)
EPOXY
SEAL
.169
(4.29)
.016
(0.41)
.050
(1.27)
TYP.
.073
(1.85)
DIA.
TYP.
.073
(1.85)
DIA.
65
4
32
1
.185
(4.70)
TYP.
.150
(3.81)
.500
(12.7)
.200
(5.08)
32
1
.185
(4.70)
TYP.
.500
(12.7)
.200
(5.08)
SINGLE POLE
DOUBLE POLE
.270
(6.86)
.125
(3.18)
.150
(3.81)
TYP.
.530
(13.46)
.172
(4.37)
.030
(.762)
TYP.
.050
(.127)
TYP.
.500
(12.70)
.200
(5.08)
.048
(.122)
TYP.
.150
(3.81)
TYP.
.530
(13.46)
.200
(5.08)
EPOXY SEAL
12
3
POS. 1
POS. 2
POS. 3
.450
(11.43)
.125
(3.18)
.150
(3.81)
TYP.
.530
(13.46)
.172
(4.37)
.030
(.762)
TYP.
.500
(12.7)
.050
(1.27)
TYP.
.190
(.4.83)
.150
(3.81)
TYP.
.190
(4.83)
.530
(13.46)
.200
(5.08)
.073
(1.85)
TYP.
.073
(1.85)
TYP.
EPOXY SEAL
45
6
POS. 1
POS. 2
POS. 3
.050
(.127)
TYP.
.200
(5.08)


Similar Part No. - 2-1437592-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437590-1 MACOM-2-1437590-1 Datasheet
74Kb / 3P
   Dip Switches End to End Stackable Through Hole and Surface Mount
2-1437590-4 MACOM-2-1437590-4 Datasheet
74Kb / 3P
   Dip Switches ?쏣nd to End Stackable??Through Hole and Surface Mount
2-1437590-5 MACOM-2-1437590-5 Datasheet
192Kb / 1P
   DIP SWITCH GOH SERIES
2-1437590-8 MACOM-2-1437590-8 Datasheet
74Kb / 3P
   Dip Switches ?쏣nd to End Stackable??Through Hole and Surface Mount
2-1437596-0 MACOM-2-1437596-0 Datasheet
117Kb / 4P
   Rocker Switch For Additional Options Refer to Page E4-E6
More results

Similar Description - 2-1437592-8

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG7NT41204 DIALOG-SLG7NT41204 Datasheet
956Kb / 9P
   Gemini Lake RVP
logo
Renesas Technology Corp
SLG7NT41204V RENESAS-SLG7NT41204V Datasheet
786Kb / 9P
   Gemini Lake RVP
February 25, 2022
logo
Tyco Electronics
606377 MACOM-606377 Datasheet
582Kb / 5P
   GEMINI A SERIES ROCKER SWITCH SINGLE POLE
logo
Galaxy Power, Inc.
GPEV6-3V3-40 GALAXY-GPEV6-3V3-40 Datasheet
107Kb / 8P
   Gemini Series DC/DC Converter Powers ??00MHz Microprocessors
logo
Taoglas antenna solutio...
LMA101.A.BI.001 TAOGLAS-LMA101.A.BI.001 Datasheet
2Mb / 26P
   Gemini 2*LTE 4G MIMO Magnetic Antenna
LMA101ABI001 TAOGLAS-LMA101ABI001 Datasheet
3Mb / 26P
   Gemini 2*LTE 4G MIMO Magnetic Antenna
PAD71XA TAOGLAS-PAD71XA Datasheet
1Mb / 21P
   GEMINI EMBEDDED LTE MIMO 2*2 ANTENNA
logo
Tyco Electronics
3-1825139-2 MACOM-3-1825139-2 Datasheet
825Kb / 6P
   GEMINI A SERIES TOGGLE SWITCH, DOUBLE POLE, 3 POSITION FUNCTIONS
logo
Taoglas antenna solutio...
PAD.71X.A TAOGLAS-PAD.71X.A_17 Datasheet
1Mb / 21P
   GEMINI EMBEDDED LTE MIMO 2*2 ANTENNA
LMA100.A.BI.001 TAOGLAS-LMA100.A.BI.001_18 Datasheet
2Mb / 22P
   Gemini LTE 4G MIMO 2X2 Antenna for Routers and Access Points
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com