Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC10SJ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74AC10SJ
Description  Triple 3-Input NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC10SJ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74AC10SJ Datasheet HTML 1Page - Fairchild Semiconductor 74AC10SJ Datasheet HTML 2Page - Fairchild Semiconductor 74AC10SJ Datasheet HTML 3Page - Fairchild Semiconductor 74AC10SJ Datasheet HTML 4Page - Fairchild Semiconductor 74AC10SJ Datasheet HTML 5Page - Fairchild Semiconductor 74AC10SJ Datasheet HTML 6Page - Fairchild Semiconductor 74AC10SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
DC Electrical Characteristics for ACT
Note 5: All outputs loaded; thresholds on input associated with output under test.
Note 6: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
Note 7: Voltage Range 3.3 is 3.3V
± 0.3V
Voltage Range 5.0 is 5.0V
± 0.5V
AC Electrical Characteristics for ACT
Note 8: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
Symbol
Parameter
VCC
TA = +25°C
TA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VILor VIH
4.5
3.86
3.76
V
IOH= −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 5)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 5)
IIN
Maximum Input
5.5
±0.1
±1.0
µAV
I = VCC, GND
Leakage Current
ICCT
Maximum
5.5
0.6
1.5
mA
VI = VCC − 2.1V
ICC/Input
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 6)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
40.0
µA
VIN = VCC
Supply Current
or GND
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
(V)
CL = 50 pF
CL = 50 pF
(Note 7)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
6.0
9.5
1.0
10.5
ns
5.0
1.5
4.5
7.0
1.0
8.0
tPHL
Propagation Delay
3.3
1.5
5.5
8.5
1.0
10.0
ns
5.0
1.5
4.0
6.0
1.0
6.5
Symbol
Parameter
VCC
TA = +25°C
TA = −40°C to +85°C
Units
(V)
CL = 50 pF
CL = 50 pF
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
1.0
6.5
9.0
1.0
10.0
ns
tPHL
Propagation Delay
5.0
1.0
6.5
9.0
1.0
9.5
ns
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
25.0
pF
VCC = 5.0V


Similar Part No. - 74AC10SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC10SJ FAIRCHILD-74AC10SJ Datasheet
102Kb / 7P
   Triple 3-Input NAND Gate
More results

Similar Description - 74AC10SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
   Triple 3-input NAND gate
1989 Sep 20
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
   TRIPLE 3-INPUT NAND GATE
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
   Triple 3-input NAND gate
logo
NXP Semiconductors
74LVC10A PHILIPS-74LVC10A Datasheet
84Kb / 8P
   Triple 3-input NAND gate
1998 Apr 28
logo
System Logic Semiconduc...
SL74HC10 SLS-SL74HC10 Datasheet
33Kb / 4P
   Triple 3-Input NAND Gate
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
[Old version datasheet]   Triple 3-Input NAND Gate
logo
NXP Semiconductors
HEF4023B PHILIPS-HEF4023B Datasheet
25Kb / 3P
   Triple 3-input NAND gate
January 1995
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com