Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC10W Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # KBPC10W
Description  Surge overload -240~500 Amperes peak
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

KBPC10W Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  KBPC10W Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd KBPC10W Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE TEMPERATURE,℃
FIG.2- DERATING CURVE
OUTPUT RECTIFIED CURRENT
150
20
100
0
10
30
40
50
50
KBPC10W
KBPC15W
KBPC25W
KBPC50W
KBPC35W
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
10
1.0
0.1
0.01
0
120
20
40
60
80
100
140
TJ=25
NUMBER OF CYCLES AT 60Hz
FIG.1-MAXIMUM FORWARD SURGE CURRENT
200
100
0
300
500
600
400
100
10
1
KBPC10W
KBPC50W
KBPC25/35W
KBPC15W
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
0.4
100
10
1.0
0.1
0.01
1.6
KBPC10W
KBPC25W
KBPC15W
KBPC35/50W
http://www.luguang.cn
Email:lge@luguang.cn
KBPC10/15/25/35/50AW SERIES


Similar Part No. - KBPC10W

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC10 SEMTECH-KBPC10 Datasheet
215Kb / 2P
   10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Diotec Semiconductor
KBPC10 DIOTEC-KBPC10 Datasheet
392Kb / 2P
   Single Phase Bridge Rectifier
logo
GOOD-ARK Electronics
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
New Jersey Semi-Conduct...
KBPC10 NJSEMI-KBPC10 Datasheet
94Kb / 1P
   KBPC10,15,25,35 SERIES
logo
List of Unclassifed Man...
KBPC10 ETC1-KBPC10 Datasheet
204Kb / 4P
   10 to 40 Amp SINGLE PHASE SILICON BRIDGE
More results

Similar Description - KBPC10W

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR1010FCT KERSEMI-MBR1010FCT Datasheet
258Kb / 2P
   Surge overload -240~500 amperes peak
logo
Sangdest Microelectroni...
MB05S SMC-MB05S Datasheet
164Kb / 4P
   Surge overload rating-30A peak
logo
DIYI Electronic Technol...
KMB32F DYELEC-KMB32F Datasheet
1Mb / 2P
   Surge Overload Rating to 80A Peak
logo
Sangdest Microelectroni...
SS22A SMC-SS22A Datasheet
264Kb / 5P
   Surge Overload Rating to 50A Peak
KMB12S SMC-KMB12S Datasheet
137Kb / 4P
   Surge Overload Rating to 30A Peak
logo
DIYI Electronic Technol...
S34L DYELEC-S34L Datasheet
1Mb / 2P
   Surge Overload Rating to 80A Peak
logo
List of Unclassifed Man...
NL-740 ETC2-NL-740 Datasheet
270Kb / 2P
   THYRATRON TUBES 4 Amperes dc - 50 Amperes Peak
logo
ON Semiconductor
SA50ARLG ONSEMI-SA50ARLG Datasheet
100Kb / 5P
   500 Watt Peak Power MiniMOSORBZener
October, 2009 ??Rev. 13
logo
PHOENIX CONTACT
2980539 PHOENIX-2980539 Datasheet
98Kb / 7P
   Short-circuit, surge, and overload-proof output
logo
ON Semiconductor
SA15ARLG ONSEMI-SA15ARLG Datasheet
100Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener
October, 2009 ??Rev. 13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com