Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39212000440 Datasheet(PDF) 1 Page - Littelfuse

Part # 39212000440
Description  Radial Lead Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

39212000440 Datasheet(HTML) 1 Page - Littelfuse

  39212000440 Datasheet HTML 1Page - Littelfuse 39212000440 Datasheet HTML 2Page - Littelfuse 39212000440 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
175
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
392 Series
TE5® > Time-Lag > 392 Series
Please refer to www.littelfuse.com/series/392.html for current information.
392 Series, TE5®,Time-Lag Fuse
Agency Approvals
Agency
Agency File Number
Ampere Range
5007679-1170-0007/82577
800mA - 6.3A
1010251, 1026673
800mA - 4A, 5A - 6.3A
E67006
800mA - 6.3A
JET1896-31007-2002
1A - 5A
CQC07012021162
800mA - 6.3A
SU05024-7013
SU05024-7014
SU05024-7015
SU05024-7016
SU05024-7017
SU05024-7018
800mA - 6.3A
Features
Electrical Characteristics for Series
Applications
Electrical Characteristic Specifications by Item
Amp
Code
Rated
Current
Voltage
Rating
Breaking
Capacity
Voltage
Drop
1.0 x I
N
max. (mV)
Power
Dissipation
1.5 x I
N
max. (mW)
Melting
Integral
10 x I
N
min. (A2s)
Agency Approvals
0800
800 mA
110
280
3.80
x
x
x
x
x
1100
1.00 A
115
400
5.80
x
x
x
x
x
x
1125
1.25 A
100
500
9.75
x
x
x
x
x
x
1160
1.60 A
95
600
13.50
x
x
x
x
x
x
1200
2.00 A
90
700
21.00
x
x
x
x
x
x
1250
2.50 A
85
750
32.00
x
x
x
x
x
x
1315
3.15 A
80
1100
55.00
x
x
x
x
x
x
1400
4.00 A
75
1200
100.00
x
x
x
x
x
x
1500
5.00 A
70
1000
90.00
x
x
x
x
x
x
1630
6.30 A
65
1200
126.00
x
x
x
x
x
% of Ampere
Rating
OpeningTime
150%
Min.
210%
Max.
275%
Min.
Max.
400%
Min.
Max.
1000%
Min.
Max.
TE5®
Description
Revised: March 8, 2011


Similar Part No. - 39212000440

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
39212000000 ONSEMI-39212000000 Datasheet
8Mb / 28P
   45 W Auxiliary Power Supply for White Goods and Industrial Equipment with NCP11187A65
August, 2020 ??Rev. 1
More results

Similar Description - 39212000440

ManufacturerPart #DatasheetDescription
logo
Littelfuse
39511000000 LITTELFUSE-39511000000 Datasheet
196Kb / 3P
   Radial Lead Fuses
400 LITTELFUSE-400 Datasheet
999Kb / 3P
   Radial Lead Fuses
36911600000 LITTELFUSE-36911600000 Datasheet
176Kb / 3P
   Radial Lead Fuses
3691.000000 LITTELFUSE-3691.000000 Datasheet
173Kb / 3P
   Radial Lead Fuses
39516300440 LITTELFUSE-39516300440 Datasheet
205Kb / 4P
   Radial Lead Fuses
383 LITTELFUSE-383 Datasheet
172Kb / 3P
   Radial Lead Fuses
37215000411 LITTELFUSE-37215000411 Datasheet
221Kb / 4P
   Radial Lead Fuses
0275030.M- LITTELFUSE-0275030.M- Datasheet
85Kb / 2P
   Axial and Radial Lead Fuses
275020 LITTELFUSE-275020 Datasheet
76Kb / 2P
   Axial and Radial Lead Fuses
logo
Cooper Bussmann, Inc.
SR-5 COOPER-SR-5 Datasheet
370Kb / 2P
   Radial lead through-hole fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com