Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCS0603E3103MT Datasheet(PDF) 6 Page - Vishay Siliconix

Part # NTCS0603E3103MT
Description  SMD 0603, Glass Protected NTC thermistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCS0603E3103MT Datasheet(HTML) 6 Page - Vishay Siliconix

  NTCS0603E3103MT Datasheet HTML 1Page - Vishay Siliconix NTCS0603E3103MT Datasheet HTML 2Page - Vishay Siliconix NTCS0603E3103MT Datasheet HTML 3Page - Vishay Siliconix NTCS0603E3103MT Datasheet HTML 4Page - Vishay Siliconix NTCS0603E3103MT Datasheet HTML 5Page - Vishay Siliconix NTCS0603E3103MT Datasheet HTML 6Page - Vishay Siliconix NTCS0603E3103MT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2381 615 3..../NTCS0603E3.....T
Vishay BCcomponents
SMD 0603, Glass Protected
NTC Thermistors
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29056
32
Revision: 22-Apr-09
SOLDERING CONDITIONS
This SMD thermistor is only suitable for wave or reflow soldering, in accordance with “CECC 00802”. The maximum temperature
of 260 °C during 40 s should not be exceeded.
Typical examples of a soldering processes that will provide reliable joints without damage, are shown below.
TESTS AND REQUIREMENTS
PACKAGING
TAPE SPECIFICATIONS
All tape specifications are in accordance with “IEC 60286-3”. Basic dimensions are given below. Carrier tape material is paper.
PAPER TAPE
Notes
(1) Measured 0.3 mm above base pocket
(2) P0 pitch cumulative error over any 10 pitches ± 0.2 mm
Time (s)
0
50
100
150
200
200
250
100
150
50
0
300
250
260 °C
≈ 245 °C
215 °C
180 °C
130 °C
2 K/s
40 s
10 s
10 s
Reflow Soldering
Lead (Pb)-free Reflow Soldering Profile
260 °C
≈ 245 °C
235 °C
≈ 170 °C
≈ 120 °C
2 K/s
max.
Time (s)
0
50
100
150
200
350
200
250
100
150
50
0
300
40 s max.
≈ 60 s
20 s min.
normal
limit
250
300
6 K/s
max.
2.4
1.0
0.8
Dimensions of the solder lands
SOLDERABILITY AND RESISTANCE TO SOLDERING HEAT
IEC 60068-2-58
TEST METHOD
TEST
PROCEDURE
REQUIREMENTS
6TC
Solderability
2 s at 235 °C
Min. 95 % of surface wetted
Resistance to soldering heat
10 s at 260 °C
ΔR/R < 5 %
F
W
P0
P2
D 0
B0
A0
P1
E1
T
T1
DIMENSIONS OF PAPER TAPE in millimeters
PARAMETER
DIMENSION
TOLERANCE
A0 (1)
1.15
± 0.1
B0 (1)
1.9
± 0.1
W8.0
± 0.2
E1
1.75
± 0.1
F
3.5
± 0.05
D0
1.55
± 0.05
P0 (2)
4.0
± 0.1
P1
4.0
± 0.1
P2
2.0
± 0.05
T tape thickness
1.1
max.
T1 cover tape
< 0.1
-


Similar Part No. - NTCS0603E3103MT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0603E3103MT VISHAY-NTCS0603E3103MT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3103MT VISHAY-NTCS0603E3103MT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3103MT VISHAY-NTCS0603E3103MT Datasheet
116Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3103MT VISHAY-NTCS0603E3103MT Datasheet
120Kb / 3P
   SMD 0603, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0603E3103MT VISHAY-NTCS0603E3103MT Datasheet
119Kb / 3P
   SMD 0603, Glass Protected NTC Thermistorss
01-Jan-2022
More results

Similar Description - NTCS0603E3103MT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0603E3104FXT VISHAY-NTCS0603E3104FXT Datasheet
123Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3683FHT VISHAY-NTCS0603E3683FHT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3-T VISHAY-NTCS0603E3-T Datasheet
116Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3103FMT VISHAY-NTCS0603E3103FMT Datasheet
123Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3T VISHAY-NTCS0603E3T Datasheet
116Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3222FMT VISHAY-NTCS0603E3222FMT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3103FLT VISHAY-NTCS0603E3103FLT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3 VISHAY-NTCS0603E3_V01 Datasheet
120Kb / 3P
   SMD 0603, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0805E3T VISHAY-NTCS0805E3T Datasheet
139Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0402E3472HMT VISHAY-NTCS0402E3472HMT Datasheet
125Kb / 6P
   SMD 0402, Glass Protected NTC Thermistors
Revision: 04-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com