Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCS0603E3202LT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCS0603E3202LT
Description  SMD 0603, Glass Protected NTC thermistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCS0603E3202LT Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCS0603E3202LT Datasheet HTML 1Page - Vishay Siliconix NTCS0603E3202LT Datasheet HTML 2Page - Vishay Siliconix NTCS0603E3202LT Datasheet HTML 3Page - Vishay Siliconix NTCS0603E3202LT Datasheet HTML 4Page - Vishay Siliconix NTCS0603E3202LT Datasheet HTML 5Page - Vishay Siliconix NTCS0603E3202LT Datasheet HTML 6Page - Vishay Siliconix NTCS0603E3202LT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2381 615 3..../NTCS0603E3.....T
Vishay BCcomponents
SMD 0603, Glass Protected
NTC Thermistors
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29056
28
Revision: 22-Apr-09
DIMENSIONS in millimeters
For complete Curve Computation, visit: www.vishay.com/thermistors/curve-computation-list/
T
L
1
W
L
2
L
3
L
4
L1
WT
L2 and L3
MIN.
L4
MIN.
1.6 ± 0.15
0.8 ± 0.15
0.8 ± 0.15
0.2
0.4
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES WITH R25 AT 2.0, 2.2 AND 2.7 kΩ
TOPER
[°C]
PART NUMBER
2381 615 3*202/
NTCS0603E3202*MT
PART NUMBER
2381 615 3*222/
NTCS0603E3222*MT
PART NUMBER
2381 615 3*272/
NTCS0603E3272*MT
ΔR/R DUE TO B
tol
[± %]
RT
[
Ω]
TCR
[%/K]
RT
[
Ω]
TCR
[%/K]
RT
[
Ω]
TCR
[%/K]
- 40
44 297
- 5.93
53 503
- 6.11
65 247
- 6.26
7.58
- 35
33 114
- 5.71
39 637
- 5.89
48 436
- 6.03
6.83
- 30
25 010
- 5.51
29 680
- 5.68
36 340
- 5.82
6.13
- 25
19 076
- 5.32
22 451
- 5.48
27 539
- 5.61
5.45
- 20
14 687
- 5.14
17 149
- 5.29
21 069
- 5.42
4.80
- 15
11 410
- 4.96
13 221
- 5.11
16 265
- 5.23
4.18
- 10
8940.4
- 4.80
10 283
- 4.94
12 664
- 5.06
3.58
- 5
7062.8
- 4.64
8066.2
- 4.77
9940.1
- 4.89
3.01
0
5623.4
- 4.48
6378.5
- 4.62
7862.7
- 4.72
2.46
5
4510.9
- 4.34
5083.1
- 4.47
6265.2
- 4.57
1.93
10
3644.4
- 4.20
4080.7
- 4.32
5027.3
- 4.42
1.42
15
2964.6
- 4.06
3299.2
- 4.18
4060.9
- 4.28
0.93
20
2427.4
- 3.94
2685.5
- 4.05
3301.2
- 4.14
0.46
25
2000.0
- 3.81
2200.0
- 3.93
2700.0
- 4.02
0.00
30
1657.7
- 3.70
1813.5
- 3.80
2221.1
- 3.89
0.22
35
1382.0
- 3.58
1503.7
- 3.69
1837.3
- 3.77
0.43
40
1158.4
- 3.48
1253.9
- 3.58
1528.0
- 3.66
0.64
45
976.12
- 3.37
1051.3
- 3.47
1277.2
- 3.55
0.84
50
826.68
- 3.27
886.05
- 3.37
1072.8
- 3.45
1.03
55
703.51
- 3.18
750.49
- 3.27
905.29
- 3.35
1.22
60
601.48
- 3.09
638.72
- 3.18
767.40
- 3.25
1.40
65
516.53
- 3.00
546.09
- 3.09
653.33
- 3.16
1.58
70
445.49
- 2.92
468.95
- 3.00
558.52
- 3.07
1.75
75
385.79
- 2.84
404.41
- 2.92
479.37
- 2.99
1.92
80
335.42
- 2.76
350.18
- 2.84
413.02
- 2.90
2.08
85
292.73
- 2.69
304.40
- 2.76
357.17
- 2.83
2.23
90
256.40
- 2.61
265.61
- 2.69
309.97
- 2.75
2.54
95
225.37
- 2.55
232.60
- 2.62
269.92
- 2.68
2.85
100
198.77
- 2.48
204.39
- 2.55
235.83
- 2.61
3.14
105
175.88
- 2.42
180.22
- 2.49
206.70
- 2.54
3.43
110
156.11
- 2.35
159.41
- 2.42
181.72
- 2.48
3.71
115
138.98
- 2.29
141.44
- 2.36
160.24
- 2.41
3.98
120
124.09
- 2.24
125.88
- 2.30
141.70
- 2.35
4.24
125
111.11
- 2.18
112.35
- 2.25
125.65
- 2.30
4.50
130
99.757
- 2.13
100.55
- 2.19
111.72
- 2.24
4.76
135
89.796
- 2.08
90.239
- 2.14
99.589
- 2.19
5.00
140
81.033
- 2.03
81.192
- 2.09
88.997
- 2.13
5.25
145
73.304
- 1.98
73.235
- 2.04
79.724
- 2.08
5.48
150
66.468
- 1.94
66.218
71.585
- 2.04
5.71


Similar Part No. - NTCS0603E3202LT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0603E3202LT VISHAY-NTCS0603E3202LT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3202LT VISHAY-NTCS0603E3202LT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3202LT VISHAY-NTCS0603E3202LT Datasheet
116Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3202LT VISHAY-NTCS0603E3202LT Datasheet
120Kb / 3P
   SMD 0603, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0603E3202LT VISHAY-NTCS0603E3202LT Datasheet
119Kb / 3P
   SMD 0603, Glass Protected NTC Thermistorss
01-Jan-2022
More results

Similar Description - NTCS0603E3202LT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0603E3104FXT VISHAY-NTCS0603E3104FXT Datasheet
123Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3683FHT VISHAY-NTCS0603E3683FHT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3-T VISHAY-NTCS0603E3-T Datasheet
116Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3103FMT VISHAY-NTCS0603E3103FMT Datasheet
123Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3T VISHAY-NTCS0603E3T Datasheet
116Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3222FMT VISHAY-NTCS0603E3222FMT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3103FLT VISHAY-NTCS0603E3103FLT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3 VISHAY-NTCS0603E3_V01 Datasheet
120Kb / 3P
   SMD 0603, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0805E3T VISHAY-NTCS0805E3T Datasheet
139Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0402E3472HMT VISHAY-NTCS0402E3472HMT Datasheet
125Kb / 6P
   SMD 0402, Glass Protected NTC Thermistors
Revision: 04-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com