Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23816153222 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 23816153222
Description  SMD 0603, Glass Protected NTC thermistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

23816153222 Datasheet(HTML) 5 Page - Vishay Siliconix

  23816153222 Datasheet HTML 1Page - Vishay Siliconix 23816153222 Datasheet HTML 2Page - Vishay Siliconix 23816153222 Datasheet HTML 3Page - Vishay Siliconix 23816153222 Datasheet HTML 4Page - Vishay Siliconix 23816153222 Datasheet HTML 5Page - Vishay Siliconix 23816153222 Datasheet HTML 6Page - Vishay Siliconix 23816153222 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2381 615 3..../NTCS0603E3.....T
SMD 0603, Glass Protected
NTC Thermistors
Vishay BCcomponents
Document Number: 29056
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 22-Apr-09
31
For complete Curve Computation, visit: www.vishay.com/thermistors/curve-computation-list/
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES WITH R25 AT 68 AND 100 kΩ
TOPER
[°C]
PART NUMBER
2381 615 3*683/
NTCS0603E3683*HT
PART NUMBER
2381 615 3*104/
NTCS0603E3104*XT
ΔR/R DUE TO B
tol
[± %]
RT
[
Ω]
TCR
[%/K]
RT
[
Ω]
TCR
[%/K]
- 40
2 324 376
- 6.77
3 921 252
- 7.03
7.58
- 35
1 667 529
- 6.52
2 774 565
- 6.77
6.83
- 30
1 211 148
- 6.28
1 988 706
- 6.52
6.13
- 25
889 917
- 6.05
1 442 861
- 6.28
5.45
- 20
661 047
- 5.84
1 058 901
- 6.06
4.80
- 15
496 103
- 5.64
785 573
- 5.85
4.18
- 10
375 941
- 5.45
588 793
- 5.65
3.58
- 5
287 504
- 5.28
445 602
- 5.47
3.01
0
221 786
- 5.11
340 346
- 5.29
2.46
5
172 502
- 4.95
262 229
- 5.12
1.93
10
135 221
- 4.79
203 723
- 4.96
1.42
15
106 786
- 4.65
159 522
- 4.80
0.93
20
84 928
- 4.51
125 851
- 4.66
0.46
25
68 000
- 4.38
100 000
- 4.52
0.00
30
54 796
- 4.26
80 003
- 4.39
0.22
35
44 427
- 4.14
64 422
- 4.26
0.43
40
36 232
- 4.02
52 200
- 4.14
0.64
45
29 714
- 3.91
42 548
- 4.02
0.84
50
24 499
- 3.81
34 879
- 3.91
1.03
55
20 304
- 3.71
28 749
- 3.80
1.22
60
16 909
- 3.61
23 820
- 3.70
1.40
65
14 149
- 3.52
19 835
- 3.60
1.58
70
11 893
- 3.43
16 597
- 3.51
1.75
75
10 041
- 3.34
13 951
- 3.42
1.92
80
8512.2
- 3.26
11 780
- 3.33
2.08
85
7245.5
- 3.18
9988.4
- 3.25
2.23
90
6191.1
- 3.11
8504.3
- 3.17
2.54
95
5310.0
- 3.03
7269.4
- 3.09
2.85
100
4570.7
- 2.96
6237.5
- 3.02
3.14
105
3948.0
- 2.90
5371.7
- 2.95
3.43
110
3421.5
- 2.83
4642.5
- 2.88
3.71
115
2974.8
- 2.77
4025.9
- 2.81
3.98
120
2594.5
- 2.71
3502.7
- 2.75
4.24
125
2269.6
- 2.65
3057.1
- 2.68
4.50
130
1991.2
- 2.59
2676.4
- 2.62
4.76
135
1751.9
- 2.53
2350.1
- 2.57
5.00
140
1545.5
- 2.48
2069.5
- 2.51
5.25
145
1367.1
- 2.43
1827.4
- 2.46
5.48
150
1212.3
- 2.38
1617.9
- 2.40
5.71


Similar Part No. - 23816153222

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
238164010103 VISHAY-238164010103 Datasheet
100Kb / 5P
   NTC Thermistors, Special Accuracy
Revision: 14-Sep-06
238164010104 VISHAY-238164010104 Datasheet
100Kb / 5P
   NTC Thermistors, Special Accuracy
Revision: 14-Sep-06
238164010472 VISHAY-238164010472 Datasheet
100Kb / 5P
   NTC Thermistors, Special Accuracy
Revision: 14-Sep-06
238164010473 VISHAY-238164010473 Datasheet
100Kb / 5P
   NTC Thermistors, Special Accuracy
Revision: 14-Sep-06
238164090042 VISHAY-238164090042 Datasheet
124Kb / 3P
   NTC Thermistors, Steel Capped Sensors
Revision: 12-Apr-05
More results

Similar Description - 23816153222

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0603E3104FXT VISHAY-NTCS0603E3104FXT Datasheet
123Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3683FHT VISHAY-NTCS0603E3683FHT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3-T VISHAY-NTCS0603E3-T Datasheet
116Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3103FMT VISHAY-NTCS0603E3103FMT Datasheet
123Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3T VISHAY-NTCS0603E3T Datasheet
116Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3222FMT VISHAY-NTCS0603E3222FMT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3103FLT VISHAY-NTCS0603E3103FLT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3 VISHAY-NTCS0603E3_V01 Datasheet
120Kb / 3P
   SMD 0603, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0805E3T VISHAY-NTCS0805E3T Datasheet
139Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0402E3472HMT VISHAY-NTCS0402E3472HMT Datasheet
125Kb / 6P
   SMD 0402, Glass Protected NTC Thermistors
Revision: 04-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com