Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT244CPCX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ABT244CPCX
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT244CPCX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ABT244CPCX Datasheet HTML 1Page - Fairchild Semiconductor 74ABT244CPCX Datasheet HTML 2Page - Fairchild Semiconductor 74ABT244CPCX Datasheet HTML 3Page - Fairchild Semiconductor 74ABT244CPCX Datasheet HTML 4Page - Fairchild Semiconductor 74ABT244CPCX Datasheet HTML 5Page - Fairchild Semiconductor 74ABT244CPCX Datasheet HTML 6Page - Fairchild Semiconductor 74ABT244CPCX Datasheet HTML 7Page - Fairchild Semiconductor 74ABT244CPCX Datasheet HTML 8Page - Fairchild Semiconductor 74ABT244CPCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
Skew
Note 13: Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate outputs of the same device.
The specification applies to any outputs switching HIGH-to-LOW (tOSHL), LOW-to-HIGH (tOSLH), or any combination switching LOW-to-HIGH and/or
HIGH-to-LOW (tOST). The specification is guaranteed but not tested.
Note 14: Propagation delay variation for a given set of conditions (i.e., temperature and VCC) from device to device. This specification is guaranteed but not
tested.
Note 15: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.)
Note 16: These specifications guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load.
Note 17: This describes the difference between the delay of the LOW-to-HIGH and the HIGH-to-LOW transition on the same pin. It is measured across all
the outputs (drivers) on the same chip, the worst (largest delta) number is the guaranteed specification. This specification is guaranteed but not tested.
Capacitance
Note 18: COUT is measured at frequency f 1 MHz, per MIL-STD-883, Method 3012.
TA 40qC to 85qCTA 40qC to 85qC
VCC 4.5V–5.5V
VCC 4.5V–5.5V
Symbol
Parameter
CL 50 pF
CL 250 pF
Units
8 Outputs Switching
8 Outputs Switching
(Note 15)
(Note 16)
Max
Max
tOSHL
Pin to Pin Skew
0.8
1.8
ns
(Note 13)
HL Transitions
tOSLH
Pin to Pin Skew
0.8
1.8
ns
(Note 13)
LH Transitions
tPS
Duty Cycle
1.0
2.5
ns
(Note 17)
LH–HL Skew
tOST
Pin to Pin Skew
1.0
2.5
ns
(Note 13)
LH/HL Transitions
tPV
Device to Device Skew
1.5
3.0
ns
(Note 14)
LH/HL Transitions
Symbol
Parameter
Typ
Units
Conditions
TA 25qC
CIN
Input Capacitance
5.0
pF
VCC 0V
COUT (Note 18)
Output Capacitance
9.0
pF
VCC 5.0V


Similar Part No. - 74ABT244CPCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT244CMSA FAIRCHILD-74ABT244CMSA Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CMSAX_NL FAIRCHILD-74ABT244CMSAX_NL Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CMTC FAIRCHILD-74ABT244CMTC Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CMTCX_NL FAIRCHILD-74ABT244CMTCX_NL Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CSC FAIRCHILD-74ABT244CSC Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ABT244CPCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com