Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4265 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4265
Description  75 Ohm SMB Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4265 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4265 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4265 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - PE4265

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42650A PEREGRINE-PE42650A Datasheet
453Kb / 11P
   SP3T High Power UltraCMOS RF Switch 30 MHz - 1000 MHz
PE42650AMLI PEREGRINE-PE42650AMLI Datasheet
453Kb / 11P
   SP3T High Power UltraCMOS RF Switch 30 MHz - 1000 MHz
PE42650AMLI-Z PEREGRINE-PE42650AMLI-Z Datasheet
453Kb / 11P
   SP3T High Power UltraCMOS RF Switch 30 MHz - 1000 MHz
logo
Peregrine Semiconductor
PE426525 PSEMI-PE426525 Datasheet
271Kb / 13P
   Wideband support up to 60 GHz
PE426525A-X PSEMI-PE426525A-X Datasheet
271Kb / 13P
   Wideband support up to 60 GHz
More results

Similar Description - PE4265

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4273 PASTERNACK-PE4273 Datasheet
208Kb / 2P
   75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG180, RG195
PE4267 PASTERNACK-PE4267 Datasheet
208Kb / 2P
   75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
PE4161 PASTERNACK-PE4161 Datasheet
219Kb / 3P
   75 Ohm SMB Plug Right Angle Connector Crimp /Solder Attachment For RG180, RG195
PE4157 PASTERNACK-PE4157 Datasheet
217Kb / 3P
   75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG180, RG195
PE44446 PASTERNACK-PE44446 Datasheet
204Kb / 2P
   75 Ohm SMB Positive Snap Plug Right Angle Connector Crimp/Solder Attachment For RG180, RG195
PE4163 PASTERNACK-PE4163 Datasheet
257Kb / 2P
   75 Ohm SMB Jack Connector Crimp/Solder Attachment For RG180, RG195
PE4162 PASTERNACK-PE4162 Datasheet
253Kb / 2P
   75 Ohm SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG180, RG195
PE4275 PASTERNACK-PE4275 Datasheet
209Kb / 2P
   75 Ohm SMC Jack Connector Clamp-Solder Attachment For RG180, RG195
PE44444 PASTERNACK-PE44444 Datasheet
836Kb / 2P
   75 Ohm SMB Positive Snap Plug Connector Crimp/ Solder Attachment For RG180, RG195
PE4158 PASTERNACK-PE4158 Datasheet
219Kb / 3P
   75 Ohm SMC Plug Connector Crimp - Solder Attachment For RG180, RG195
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com