Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCLAMP3603T Datasheet(PDF) 3 Page - Semtech Corporation

Part # UCLAMP3603T
Description  TVS Diode Array for Proximity Switch Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UCLAMP3603T Datasheet(HTML) 3 Page - Semtech Corporation

  UCLAMP3603T Datasheet HTML 1Page - Semtech Corporation UCLAMP3603T Datasheet HTML 2Page - Semtech Corporation UCLAMP3603T Datasheet HTML 3Page - Semtech Corporation UCLAMP3603T Datasheet HTML 4Page - Semtech Corporation UCLAMP3603T Datasheet HTML 5Page - Semtech Corporation UCLAMP3603T Datasheet HTML 6Page - Semtech Corporation UCLAMP3603T Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
© 2012 Semtech Corporation
www.semtech.com
uClamp3603T
PROTECTION PRODUCTS
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (µs)
DR040412-200
Junction Capacitance vs. Reverse Voltage
0
10
20
30
0
10
20
30
40
Bias Voltage - (V)
TA = 25
OC
f = 1 MHz
Pins 1-6,2-5,3-4
5379.1R1_CJvV
Clamping Voltage vs. Peak Pulse Current
0
20
40
60
80
100
0
1
2
3
4
5
6
Peak Pulse Current - IPP (A)
TA = 25
OC
Waveform Parameters:
tr = 8us; td = 20us.
Pins 1-6,2-5,3-4
5379.1R1_8/20_REV
Forward Voltage vs. Forward Current
0
100
200
300
400
500
600
0.6
0.7
0.8
0.9
1.0
Forward Voltage - VF (V)
TA = 25
OC
5379.1R1_VFvI
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
150
Temperature (
OC)
5379.1R1_VFvT
IF = 200mA
Forward Voltage vs. Temperature
Power Derating Curve
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature - TA (
OC)
DR040512:25:125:150


Similar Part No. - UCLAMP3603T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP3601P SEMTECH-UCLAMP3601P Datasheet
129Kb / 7P
   TVS Diode for Proximity Switch Input Protection
uClamp3601P.TNT SEMTECH-uClamp3601P.TNT Datasheet
129Kb / 7P
   TVS Diode for Proximity Switch Input Protection
More results

Similar Description - UCLAMP3603T

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SM36S3F LEIDITECH-SM36S3F Datasheet
1Mb / 5P
   TVS DIODE ARRAY FOR PROXIMITY SWITCH PROTECTION
logo
Semtech Corporation
SDC36B SEMTECH-SDC36B Datasheet
159Kb / 6P
   TVS Diode Array for Proximity Switch Input Protection
SDC36 SEMTECH-SDC36 Datasheet
155Kb / 6P
   TVS Diode Array for Proximity Switch Input Protection
SDC36C SEMTECH-SDC36C Datasheet
164Kb / 6P
   TVS Diode Array for Proximity Switch Input Protection
UCLAMP3601P SEMTECH-UCLAMP3601P Datasheet
129Kb / 7P
   TVS Diode for Proximity Switch Input Protection
logo
Yea Shin Technology Co....
YSOT24C YEASHIN-YSOT24C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
LC0542T5 LEIDITECH-LC0542T5 Datasheet
423Kb / 4P
   TVS DIODE ARRAY FOR USB LINE PROTECTION
logo
Yea Shin Technology Co....
YSOT12C YEASHIN-YSOT12C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT15C YEASHIN-YSOT15C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT05C-A YEASHIN-YSOT05C-A Datasheet
819Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com