Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT244CMTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ABT244CMTC
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT244CMTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ABT244CMTC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT244CMTC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT244CMTC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT244CMTC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT244CMTC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT244CMTC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT244CMTC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT244CMTC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT244CMTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics
(SOIC package)
Note 6: Max number of outputs defined as (n). n
 1 data inputs are driven 0V to 3V. One output at LOW. Guaranteed, but not tested.
Note 7: Max number of data inputs (n) switching. n
 1 inputs switching 0V to 3V. Input-under-test switching: 3V to threshold (VILD), 0V to threshold (VIHD).
Guaranteed, but not tested.
Note 8: Max number of outputs defined as (n). n
 1 data inputs are driven 0V to 3V. One output HIGH. Guaranteed, but not tested.
AC Electrical Characteristics
(SOIC and SSOP package)
Extended AC Electrical Characteristics
(SOIC package)
Note 9: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.).
Note 10: This specification is guaranteed but not tested. The limits represent propagation delay with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load. This specification pertains to single output switching only.
Note 11: This specification is guaranteed but not tested. The limits represent propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.) with 250 pF load capacitors in place of the 50 pF load capacitors in the standard AC load.
Note 12: The 3-STATE delays are dominated by the RC network (500
:, 250 pF) on the output and have been excluded from the datasheet.
Conditions
Symbol
Parameter
Min
Typ
Max
Units
VCC
CL 50 pF,
RL 500:
VOLP
Quiet Output Maximum Dynamic VOL
0.5
0.8
V
5.0
TA 25qC (Note 6)
VOLV
Quiet Output Minimum Dynamic VOL
1.3
0.8
V
5.0
TA 25qC (Note 6)
VOHV
Minimum HIGH Level Dynamic Output Voltage
2.7
3.1
V
5.0
TA 25qC (Note 8)
VIHD
Minimum HIGH Level Dynamic Input Voltage
2.0
1.5
V
5.0
TA 25qC (Note 7)
VILD
Maximum LOW Level Dynamic Input Voltage
1.1
0.8
V
5.0
TA 25qC (Note 7)
TA 25qCTA 55qC to 125qCTA 40qC to 85qC
Symbol
Parameter
VCC 5V
VCC 4.5V–5.5V
VCC 4.5V–5.5V
Units
CL 50 pF
CL 50 pF
CL 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
1.0
2.5
3.6
1.0
5.3
1.0
3.6
ns
tPHL
Data to Outputs
1.0
2.3
3.6
1.0
5.0
1.0
3.6
tPZH
Output Enable
1.5
3.5
6.0
0.8
6.5
1.5
6.0
ns
tPZL
Time
1.5
3.6
6.0
1.2
7.9
1.5
6.0
tPHZ
Output Disable
1.7
3.5
5.6
1.2
7.6
1.7
5.6
ns
tPLZ
Time
1.7
3.3
5.6
1.0
7.9
1.7
5.6
TA40qC to 85qCTA 40qC to 85qCTA 40qC to 85qC
VCC 4.5V–5.5V
VCC 4.5V–5.5V
VCC 4.5V–5.5V
Symbol
Parameter
CL 50 pF
CL 250 pF
CL 250 pF
Units
8 Outputs Switching
1 Output Switching
8 Outputs Switching
(Note 9)
(Note 10)
(Note 11)
Min
Typ
Max
Min
Max
Min
Max
fTOGGLE
Max Toggle Frequency
100
MHz
tPLH
Propagation Delay
1.5
5.0
1.5
6.0
2.5
8.5
ns
tPHL
Data to Outputs
1.5
5.0
1.5
6.0
2.5
8.5
tPZH
Output Enable Time
1.5
6.5
2.5
7.5
2.5
10.0
ns
tPZL
1.5
6.5
2.5
7.5
2.5
12.0
tPHZ
Output Disable Time
1.0
5.6
(Note 12)
(Note 12)
ns
tPLZ
1.0
5.6


Similar Part No. - 74ABT244CMTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT244CMTC FAIRCHILD-74ABT244CMTC Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CMTCX_NL FAIRCHILD-74ABT244CMTCX_NL Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ABT244CMTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com